Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z4GP40JLH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # Z4GP40JLH
Description  Low VF Mini Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

Z4GP40JLH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  Z4GP40JLH Datasheet HTML 1Page - Zowie Technology Corporation Z4GP40JLH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZOWIE
(600V~1000V / 4A)
Z4GP40JLH THRU Z4GP40MLH
2011/10
REV. 1
FIG.1 - FORWARD CURRENT DERATING CURVE
2
1
4
5
3
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,
o
C
60 Hz Resistive or
Inductive load
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
Pulse Width 8.3ms
Single Half-Sire-Wave
0
50
100
150
200
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.10
1.0
10.0
100
TJ=100
oC
TJ=25
oC
20
40
60
80
120
140
100
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.10
1.00
10.00
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.3
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25
oC
TJ=25
oC
f=1.0MHz
Vsig=50mVP-P
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
.1
1
100
1.0
2
4
10
20
40
100
10


Similar Part No. - Z4GP40JLH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
Z4GP40JH ZOWIE-Z4GP40JH Datasheet
68Kb / 2P
   Bridge Rectifier
More results

Similar Description - Z4GP40JLH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBL04LS ZOWIE-GBL04LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
GBU1002LC ZOWIE-GBU1002LC Datasheet
68Kb / 2P
   Low VF Bridge Rectifier
GBL10LS ZOWIE-GBL10LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
MBCR10JLH ZOWIE-MBCR10JLH Datasheet
199Kb / 2P
   Low VF Bridge Rectifier
GBL02LS ZOWIE-GBL02LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
GBL06LS ZOWIE-GBL06LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
GBU602LC ZOWIE-GBU602LC Datasheet
68Kb / 2P
   Low VF Bridge Rectifier
GBU402LC ZOWIE-GBU402LC Datasheet
68Kb / 2P
   Low VF Bridge Rectifier
Z4GP40MLH ZOWIE-Z4GP40MLH Datasheet
68Kb / 2P
   Low VF Bridge Rectifier
GBL08LS ZOWIE-GBL08LS Datasheet
81Kb / 2P
   Low VF Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com