Selected language     English  ▼


W005L_10 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part No. W005L_10
Description  SINGLE-PHASE GLASS PASSIVATED
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RECTRON [Rectron Semiconductor]
Homepage  http://www.rectron.com
Logo 

   
 1 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
FEATURES
* High reverse voltage to 1000V
* Surge overload ratings to 50 amperes peak
* Good for printed circuit board assembly
* Mounting position: Any
* Weight: 1.37 grams
* Silver-plated copper leads
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
W005L
THRU
W10L
RC-2
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TSTG
VRMS
Volts
Volts
Volts
Amps
1.5
50
-55 to + 150
Amps
0 C
UNITS
T J
-55 to + 150
0 C
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
W005L
W01L
W02L
W04L
W06L
W08L
W10L
Maximum Average Forward Rectified Output Current at TA = 50
oC
Storage Temperature Range
50
100
200
400
600
800
1000
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.0
0.5
mAmps
uAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per element at 1.5A DC
Volts
@TA = 25
oC
@TA = 125
oC
5.0
W005L
W01L
W02L
W04L
W06L
W08L
W10L
.032 (0.8)
.028 (0.7)
.220 (5.6)
.180 (4.6)
.220 (5.6)
.180 (4.6)
(30.5)
(25.4)
1.2
1.0
MIN.
MIN.
POS.
LEAD
.290 (7.4)
.270 (6.9)
.374 (9.5)
.354 (9.0)
MECHANICAL DATA
Note: 1. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
Typical Thermal Resistance
R
θ JA
R
θ JC
0C/W
40
22
Dimensions in inches and (millimeters)
2010-10
REV: A




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl