Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM219R60J106KE19 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # GRM219R60J106KE19
Description  Dual 800mA, 1.25MHz Synchronous Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

GRM219R60J106KE19 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button GRM219R60J106KE19 Datasheet HTML 3Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 4Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 5Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 6Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 7Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 8Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 9Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 10Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
RT8035
11
DS8035-05 October 2012
www.richtek.com
Richtek Technology Corporation
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789
Richtek products are sold by description only. Richtek reserves the right to change the circuitry and/or specifications without notice at any time. Customers should
obtain the latest relevant information and data sheets before placing orders and should verify that such information is current and complete. Richtek cannot
assume responsibility for use of any circuitry other than circuitry entirely embodied in a Richtek product. Information furnished by Richtek is believed to be
accurate and reliable. However, no responsibility is assumed by Richtek or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Richtek or its subsidiaries.
Outline Dimension
1
1
2
2
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.180
0.300
0.007
0.012
D
2.950
3.050
0.116
0.120
D2
2.300
2.650
0.091
0.104
E
2.950
3.050
0.116
0.120
E2
1.500
1.750
0.059
0.069
e
0.500
0.020
L
0.350
0.450
0.014
0.018
W-Type 10L DFN 3x3 Package
D
1
E
A3
A
A1
D2
E2
L
b
e
SEE DETAIL A


Similar Part No. - GRM219R60J106KE19

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
GRM219R60J106KE19 RICHTEK-GRM219R60J106KE19 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106KE19 RICHTEK-GRM219R60J106KE19 Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106KE19 RICHTEK-GRM219R60J106KE19 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106KE19 RICHTEK-GRM219R60J106KE19 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106KE19 RICHTEK-GRM219R60J106KE19 Datasheet
177Kb / 11P
   Dual 1A, 1.25MHz Synchronous Step-Down Converter
More results

Similar Description - GRM219R60J106KE19

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8075 RICHTEK-RT8075 Datasheet
177Kb / 11P
   Dual 1A, 1.25MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2109 MPS-MP2109 Datasheet
298Kb / 8P
   Dual 1.2MHz, 800mA Synchronous Step-Down Converter
MP2109 MPS-MP2109_06 Datasheet
313Kb / 8P
   Dual 1.2MHz, 800mA Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
   Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
   800mA 1.5MHz Synchronous Step-Down Converter
April 2021
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
   800mA Synchronous Buck Step-Down Converter
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com