Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ4YB1A106M Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # ECJ4YB1A106M
Description  3A, 2MHz, Synchronous Step-Down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

ECJ4YB1A106M Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button ECJ4YB1A106M Datasheet HTML 5Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 6Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 7Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 8Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 9Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 10Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 11Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 12Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RT8055B
10
DS8055B-03 April 2011
www.richtek.com
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is
commonly used for design because even significant
deviations do not offer much relief. Choose a capacitor
rated at a higher temperature than required.
Several capacitors may also be paralleled to meet size or
height requirements in the design.
The selection of COUT is determined by the Effective Series
Resistance (ESR) that is required to minimize voltage ripple
and load step transients, as well as the amount of bulk
capacitance that is necessary to ensure that the control
loop is stable. Loop stability can be checked by viewing
the load transient response as described in a later section.
The output ripple,
ΔVOUT, is determined by :
⎥⎦
⎢⎣
+
Δ
Δ
OUT
L
OUT
8fC
1
ESR
I
V
Slope Compensation and Inductor Peak Current
Slope compensation provides stability in constant
frequency architectures by preventing sub-harmonic
oscillations at duty cycles greater than 50%. It is
accomplished internally by adding a compensating ramp
to the inductor current signal. Normally, the maximum
inductor peak current is reduced when slope compensation
is added. In the RT8055B, however, separated inductor
current signals are used to monitor over current condition.
This keeps the maximum output current relatively constant
regardless of duty cycle.
Short Circuit Protection
When the output is shorted to ground, the inductor current
decays very slowly during a single switching cycle. A
current runaway detector is used to monitor inductor
current. As current increasing beyond the control of current
loop, switching cycles will be skipped to prevent current
runaway from occurring.
Inductor Selection
The inductor value and operating frequency determine the
ripple current according to a specific input and output
voltage. The ripple current
ΔIL increases with higher VIN
and decreases with higher inductance.
OUT
OUT
L
IN
VV
I =
1
fL
V
⎡⎤ ⎡
Δ× −
⎢⎥ ⎢
×
⎣⎦ ⎣
OUT
OUT
L(MAX)
IN(MAX)
VV
L =
1
fI
V
⎡⎤ ⎡
×−
⎢⎥ ⎢
×Δ
⎣⎦ ⎣
Having a lower ripple current reduces not only the ESR
losses in the output capacitors but also the output voltage
ripple. However, it requires a large inductor to achieve this
goal.
For the ripple current selection, the value of
ΔIL= 0.4(IMAX)
will be a reasonable starting point. The largest ripple
current occurs at the highest VIN. To guarantee that the
ripple current stays below the specified maximum, the
inductor value should be chosen according to the following
equation :
The inductor's current rating (caused a 40
°C temperature
rising from 25
°C ambient) should be greater than the
maximum load current and its saturation current should
be greater than the short circuit peak current limit.
The output ripple is highest at maximum input voltage
since
ΔIL increases with input voltage. Multiple capacitors
placed in parallel may be needed to meet the ESR and
RMS current handling requirements. Dry tantalum, special
polymer, aluminum electrolytic and ceramic capacitors are
all available in surface mount packages. Special polymer
capacitors offer very low ESR but have lower capacitance
density than other types. Tantalum capacitors have the
highest capacitance density but it is important to only
use types that have been surge tested for use in switching
power supplies. Aluminum electrolytic capacitors have
significantly higher ESR but can be used in cost-sensitive
applications provided that consideration is given to ripple
current ratings and long term reliability. Ceramic capacitors
have excellent low ESR characteristics but can have a
high voltage coefficient and audible piezoelectric effects.
The high Q of ceramic capacitors with trace inductance
can also lead to significant ringing.
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the top MOSFET. To
prevent large ripple voltage, a low ESR input capacitor
sized for the maximum RMS current should be used. RMS
current is given by :
OUT
IN
RMS
OUT(MAX)
IN
OUT
V
V
II
1
VV
=−


Similar Part No. - ECJ4YB1A106M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
ECJ4YB1A106M RICHTEK-ECJ4YB1A106M Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
ECJ4YB1A106M RICHTEK-ECJ4YB1A106M Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
ECJ4YB1A106M RICHTEK-ECJ4YB1A106M Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
ECJ4YB1A106M RICHTEK-ECJ4YB1A106M Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
ECJ4YB1A106M RICHTEK-ECJ4YB1A106M Datasheet
285Kb / 14P
   1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - ECJ4YB1A106M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com