Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMK212BJ106ML Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # JMK212BJ106ML
Description  3A, 2MHz, Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

JMK212BJ106ML Datasheet(HTML) 5 Page - Richtek Technology Corporation

  JMK212BJ106ML Datasheet HTML 1Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 2Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 3Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 4Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 5Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 6Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 7Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 8Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT8055
5
DS8055-05
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. Guaranteed by design.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ROSC = 180kΩ
1.44
1.8
2.16
Switching Frequency
Adjustable Switching Frequency
Range
0.3
--
2
MHz
Switch On Resistance, High
RDS(ON)_P ISW = 0.3A
--
100
160
m
Ω
Switch On Resistance, Low
RDS(ON)_N ISW = 0.3A
--
100
170
m
Ω
Peak Current Limit
ILIM
3.5
--
--
A
VDD Rising @Full Temperature
2.33
2.4
2.57
Under Voltage Lockout
Threshold
(Note 5)
VDD Falling @Full Temperature
1.98
2.2
2.37
V
Shutdown Threshold
VSHDN
VSHDN Rising
--
VIN − 0.85 VIN − 0.4
V


Similar Part No. - JMK212BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
JMK212BJ106ML RICHTEK-JMK212BJ106ML Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
JMK212BJ106ML RICHTEK-JMK212BJ106ML Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
JMK212BJ106ML RICHTEK-JMK212BJ106ML Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
JMK212BJ106ML RICHTEK-JMK212BJ106ML Datasheet
174Kb / 11P
   1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
JMK212BJ106ML RICHTEK-JMK212BJ106ML Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - JMK212BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com