Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMK212BJ106ML Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # JMK212BJ106ML
Description  3A, 2MHz, Synchronous Step-Down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

JMK212BJ106ML Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button JMK212BJ106ML Datasheet HTML 3Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 4Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 5Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 6Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 7Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 8Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 9Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 10Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT8055B
7
DS8055B-03 April 2011
www.richtek.com
Output Ripple
Time (500ns/Div)
VIN = 5V, VOUT = 3.3V
IOUT = 3A
VLX
(5V/Div)
VOUT
(5mV/Div)
Reference Voltage vs. Temperature
0.760
0.768
0.776
0.784
0.792
0.800
0.808
0.816
0.824
0.832
0.840
-50
-25
0
25
50
75
100
125
Temperature (°C)
Output Current Limit vs. Temperature
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, VOUT = 3.3V
Output Ripple
Time (500ns/Div)
VIN = 5V, VOUT = 3.3V
IOUT = 0A
VLX
(5V/Div)
VOUT
(5mV/Div)
Output Voltage vs. Temperature
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, VOUT = 3.3V
IOUT = 0A
Output Current Limit vs. Input Voltage
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
Input Voltage (V)
VOUT = 3.3V


Similar Part No. - JMK212BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
JMK212BJ106ML RICHTEK-JMK212BJ106ML Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
JMK212BJ106ML RICHTEK-JMK212BJ106ML Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
JMK212BJ106ML RICHTEK-JMK212BJ106ML Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
JMK212BJ106ML RICHTEK-JMK212BJ106ML Datasheet
174Kb / 11P
   1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
JMK212BJ106ML RICHTEK-JMK212BJ106ML Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - JMK212BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com