Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8062 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8062
Description  2A, 2MHz, Synchronous Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8062 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8062 Datasheet HTML 1Page - Richtek Technology Corporation RT8062 Datasheet HTML 2Page - Richtek Technology Corporation RT8062 Datasheet HTML 3Page - Richtek Technology Corporation RT8062 Datasheet HTML 4Page - Richtek Technology Corporation RT8062 Datasheet HTML 5Page - Richtek Technology Corporation RT8062 Datasheet HTML 6Page - Richtek Technology Corporation RT8062 Datasheet HTML 7Page - Richtek Technology Corporation RT8062 Datasheet HTML 8Page - Richtek Technology Corporation RT8062 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT8062
5
DS8062-07
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Switch On Resistance, High
RDS(ON)_P ILX = 0.5A
--
180
250
m
Ω
Switch On Resistance, Low
RDS(ON)_N ILX = 0.5A
--
120
160
m
Ω
Peak Current Limit
ILIM
2.4
3.5
--
A
VIN Rising
--
2.4
--
Under Voltage Lockout
Threshold
VIN Falling
--
2.2
--
V
RT Shutdown Threshold
VRT
--
VIN − 0.7 VIN − 0.4
V


Similar Part No. - RT8062

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
   3A, 1MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8062

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8015 RICHTEK-RT8015 Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
logo
AiT Semiconductor Inc.
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
   DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
logo
Monolithic Power System...
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
   High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
   2A, 2MHz, 55V Step-Down Converter
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com