Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8062 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8062
Description  2A, 2MHz, Synchronous Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8062 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8062 Datasheet HTML 2Page - Richtek Technology Corporation RT8062 Datasheet HTML 3Page - Richtek Technology Corporation RT8062 Datasheet HTML 4Page - Richtek Technology Corporation RT8062 Datasheet HTML 5Page - Richtek Technology Corporation RT8062 Datasheet HTML 6Page - Richtek Technology Corporation RT8062 Datasheet HTML 7Page - Richtek Technology Corporation RT8062 Datasheet HTML 8Page - Richtek Technology Corporation RT8062 Datasheet HTML 9Page - Richtek Technology Corporation RT8062 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RT8062
6
DS8062-07
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
VIN UVLO vs. Temperature
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
-50
-25
0
25
50
75
100
125
Temperature (°C)
Turn On
Turn Off
Output Voltage vs. Output Current
1.070
1.075
1.080
1.085
1.090
1.095
1.100
1.105
1.110
1.115
1.120
1.125
1.130
0
0.4
0.8
1.2
1.6
2
Output Current (A)
VIN = 5V, VOUT = 1.1V, IOUT = 0A to 2A
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2
Output Current (A)
VIN = 5V, VOUT = 1.1V, IOUT = 0A to 2A
Reference Voltage vs. Temperature
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, VOUT = 1.1V
Switching Frequency vs. Temperature
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
1.09
1.10
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, VOUT = 1.1V, IOUT = 0.6A
Enable Voltage vs. Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100
125
Temperature (°C)
Turn On
Turn Off


Similar Part No. - RT8062

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
   3A, 1MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8062

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8015 RICHTEK-RT8015 Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
logo
AiT Semiconductor Inc.
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
   DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
logo
Monolithic Power System...
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
   High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
   2A, 2MHz, 55V Step-Down Converter
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com