Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8064 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8064
Description  2A, 2MHz, Synchronous Step-Down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8064 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8064 Datasheet HTML 1Page - Richtek Technology Corporation RT8064 Datasheet HTML 2Page - Richtek Technology Corporation RT8064 Datasheet HTML 3Page - Richtek Technology Corporation RT8064 Datasheet HTML 4Page - Richtek Technology Corporation RT8064 Datasheet HTML 5Page - Richtek Technology Corporation RT8064 Datasheet HTML 6Page - Richtek Technology Corporation RT8064 Datasheet HTML 7Page - Richtek Technology Corporation RT8064 Datasheet HTML 8Page - Richtek Technology Corporation RT8064 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT8064
2
DS8064-07
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RCOMP (kΩ)
CCOMP (pF)
L (
μH)
COUT (μF)
3.3
75
24
33
560
2
22
2.5
51
24
22
560
2
22
1.8
30
24
15
560
1.5
22
1.5
21
24
13
560
1.5
22
1.2
12
24
11
560
1.5
22
1
6
24
8.2
560
1.5
22
Table 1. Recommended Components Selection for fSW = 1MHz
VIN
RT8064
VIN
2.7V to 5.5V
RT
LX
COMP
FB
GND
ROSC
L
COUT
RCOMP
VOUT
CIN
10µF
CCOMP
R1
R2
SS
CSS
10nF
Chip Enable
R3
100k
PGOOD
PGOOD
EN
4
8
6
3
2
9 (Exposed Pad)
1
7
5
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
COMP
SS
EN
VIN
PGOOD
FB
LX
RT
GND
2
3
4
5
6
7
8
9
COMP
SS
VIN
PGOOD
FB
RT
LX
EN
7
6
5
1
2
3
4
8
9
WDFN-8L 3x3


Similar Part No. - RT8064

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8064ZQW RICHTEK-RT8064ZQW Datasheet
202Kb / 13P
   High Efficiency : Up to 95%, Adjustable Frequency : 200kHz to 2MHz
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8064

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8062 RICHTEK-RT8062 Datasheet
150Kb / 11P
   2A, 2MHz, Synchronous Step-Down Converter
RT8015 RICHTEK-RT8015 Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
logo
AiT Semiconductor Inc.
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
   DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
logo
Monolithic Power System...
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
   High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
   2A, 2MHz, 55V Step-Down Converter
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com