Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ4YB1A106M Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # ECJ4YB1A106M
Description  5A, 2MHz, High Efficiency Synchronous Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

ECJ4YB1A106M Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button ECJ4YB1A106M Datasheet HTML 2Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 3Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 4Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 5Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 6Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 7Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 8Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 9Page - Richtek Technology Corporation ECJ4YB1A106M Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
RT8072
6
DS8072-01
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
MOSFET
High Side MOSFET On-resistance
VIN = 5V, BOOT − LX = 5V
--
50
--
m
Ω
Low Side MOSFET On-resistance
VIN = 5V
--
35
--
m
Ω
Current Limit
Current Limit Threshold
6
8
--
A
Power Good
VFB Rising (Good)
--
94
--
VFB Falling (Fault)
--
90
--
VFB Rising (Fault)
--
110
--
Power Good Range
VFB Falling (Good)
--
106
--
% VREF
Over Temperature Protection
Thermal Shutdown
Rising
--
165
--
°C
Thermal Shutdown Hysteresis
--
20
--
°C


Similar Part No. - ECJ4YB1A106M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
ECJ4YB1A106M RICHTEK-ECJ4YB1A106M Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
ECJ4YB1A106M RICHTEK-ECJ4YB1A106M Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
ECJ4YB1A106M RICHTEK-ECJ4YB1A106M Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
ECJ4YB1A106M RICHTEK-ECJ4YB1A106M Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
ECJ4YB1A106M RICHTEK-ECJ4YB1A106M Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - ECJ4YB1A106M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
   6A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
   High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP2313 MPS-MP2313 Datasheet
837Kb / 19P
   High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
NB634 MPS-NB634 Datasheet
349Kb / 13P
   High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
   High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
EV2318-J-00A MPS-EV2318-J-00A Datasheet
236Kb / 6P
   High Efficiency,24V,2A,2MHz,Synchronous Step-Down Converter Evaluation Board
EV2313-J-00A MPS-EV2313-J-00A Datasheet
324Kb / 6P
   High Efficiency,24V,1A,2MHz,Synchronous Step-Down Converter Evaluation Board
MP4470 MPS-MP4470 Datasheet
930Kb / 18P
   High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MP9447 MPS-MP9447 Datasheet
726Kb / 19P
   High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com