Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMK107BJ475RA Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # JMK107BJ475RA
Description  Dual 1A, 1.25MHz Synchronous Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

JMK107BJ475RA Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button JMK107BJ475RA Datasheet HTML 3Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 4Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 5Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 6Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 7Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 8Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 9Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 10Page - Richtek Technology Corporation JMK107BJ475RA Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RT8075
10
DS8075-04 April 2011
www.richtek.com
Table 1. Recommended Inductors
Table 2. Recommended Capacitors for CIN and COUT
Supplier
Inductance
(
µH)
Dimensions
(mm)
Series
TAIYO YUDEN
2.2
3.00 x 3.00 x 1.50
NR 3015
GOTREND
2.2
3.85 x 3.85 x 1.80
GTSD32
Sumida
2.2
4.50 x 3.20 x 1.55
CDRH2D14
Sumida
4.7
4.50 x 3.20 x 1.55
CDRH2D14
TAIYO YUDEN
4.7
3.00 x 3.00 x 1.50
NR 3015
GOTREND
4.7
3.85 x 3.85 x 1.80
GTSD32
Supplier
Capacitance
(
µF)
Package
Part Number
TDK
4.7
0603
C1608JB0J475M
MURATA
4.7
0603
GRM188R60J475KE19
TAIYO YUDEN
4.7
0603
JMK107BJ475RA
TAIYO YUDEN
10
0603
JMK107BJ106MA
TDK
10
0805
C2012JB0J106M
MURATA
10
0805
GRM219R60J106ME19
MURATA
10
0805
GRM219R60J106KE19
TAIYO YUDEN
10
0805
JMK212BJ106RD


Similar Part No. - JMK107BJ475RA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
JMK107BJ475RA RICHTEK-JMK107BJ475RA Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
JMK107BJ475RA RICHTEK-JMK107BJ475RA Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
JMK107BJ475RA RICHTEK-JMK107BJ475RA Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
JMK107BJ475RA RICHTEK-JMK107BJ475RA Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
JMK107BJ475RA RICHTEK-JMK107BJ475RA Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - JMK107BJ475RA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8035 RICHTEK-RT8035 Datasheet
223Kb / 11P
   Dual 800mA, 1.25MHz Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2309 AIC-AIC2309 Datasheet
223Kb / 10P
   1A Dual Synchronous Step-down DC/DC Converter
AIC2359 AIC-AIC2359 Datasheet
242Kb / 11P
   1A Dual Synchronous Step-down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com