Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMK316BJ226ML Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # JMK316BJ226ML
Description  5A, 2MHz, High Efficiency Synchronous Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

JMK316BJ226ML Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button JMK316BJ226ML Datasheet HTML 3Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 4Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 5Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 6Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 7Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 8Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 9Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 10Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
RT8072
7
DS8072-01
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
VOUT (V)
RFB1
(k
Ω)
RFB2
(k
Ω)
RC (kΩ)
CC (nF)
L (
μH)
COUT
3.3
75
24
33
0.33
0.47
Cer. 20
μF + E-Cap 100μF
2.5
51
24
24
0.47
0.47
Cer. 20
μF + E-Cap 100μF
1.8
30
24
18
0.56
0.47
Cer. 20
μF + E-Cap 100μF
1.5
21
24
15
0.68
0.33
Cer. 20
μF + E-Cap 100μF
1.2
12
24
12
1
0.33
Cer. 20
μF + E-Cap 100μF
1
6
24
10
1
0.33
Cer. 20
μF + E-Cap 100μF
Table 1. Recommended Component Selection
VIN
RT8072
LX
BOOT
COMP
VOUT
RT
EN
SS
L
CBOOT
0.1µF
RFB1
RFB2
PGOOD
RPG
100k
CIN2
CIN1
10µF
VIN
RT
28.7k
CSS
10nF
RC
CC
CHF*
FB
PGND
GND
10µF
COUT1
10µF
COUT3
47µF to
100µF
COUT2
10µF
Chip Enable
* : Option


Similar Part No. - JMK316BJ226ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
JMK316BJ226ML RICHTEK-JMK316BJ226ML Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
JMK316BJ226ML RICHTEK-JMK316BJ226ML Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
JMK316BJ226ML RICHTEK-JMK316BJ226ML Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
JMK316BJ226ML RICHTEK-JMK316BJ226ML Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
JMK316BJ226ML RICHTEK-JMK316BJ226ML Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - JMK316BJ226ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
   6A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
   High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP2313 MPS-MP2313 Datasheet
837Kb / 19P
   High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
NB634 MPS-NB634 Datasheet
349Kb / 13P
   High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
   High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
EV2318-J-00A MPS-EV2318-J-00A Datasheet
236Kb / 6P
   High Efficiency,24V,2A,2MHz,Synchronous Step-Down Converter Evaluation Board
EV2313-J-00A MPS-EV2313-J-00A Datasheet
324Kb / 6P
   High Efficiency,24V,1A,2MHz,Synchronous Step-Down Converter Evaluation Board
MP4470 MPS-MP4470 Datasheet
930Kb / 18P
   High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MP9447 MPS-MP9447 Datasheet
726Kb / 19P
   High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com