Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8082 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8082
Description  3A, 2MHz, Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8082 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8082 Datasheet HTML 1Page - Richtek Technology Corporation RT8082 Datasheet HTML 2Page - Richtek Technology Corporation RT8082 Datasheet HTML 3Page - Richtek Technology Corporation RT8082 Datasheet HTML 4Page - Richtek Technology Corporation RT8082 Datasheet HTML 5Page - Richtek Technology Corporation RT8082 Datasheet HTML 6Page - Richtek Technology Corporation RT8082 Datasheet HTML 7Page - Richtek Technology Corporation RT8082 Datasheet HTML 8Page - Richtek Technology Corporation RT8082 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT8082
2
DS8082-00
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1, 12
LX
Internal Power MOSFET Switches Output. Connect these pins to the inductor
together.
2, 11
VIN
Power Input. Decouple this pin to GND with two 10
μF capacitors.
3, 10,
13 (Exposed Pad)
PGND
Power Ground. The exposed pad must be soldered to a large PCB and connected
to ground for maximum power dissipation.
4
AGND
Analog Ground. Provides the return path for control circuit and internal reference.
5
BIAS
Analog Power Input. Decouple this pin to AGND with a minimum 0.1
μF ceramic
capacitor.
6
FB
Feedback Input. This pin is used to set the desired output voltage via an external
resistive divider. The feedback reference voltage is 1V typically.
7
NC
No Internal Connection.
8
EN
Enable Control Input. Floating this pin or connecting this pin to logic high will
enable the device and pulling this pin to logic low will disable the device.
9
PGOOD
Power Good Indicator. This pin is an open drain logic output that is pulled to
ground when the output voltage is within
±7% of regulation point.
Pin Configurations
(TOP VIEW)
WDFN-12E 3x3
LX
VIN
BIAS
AGND
LX
VIN
PGND
EN
PGOOD
PGND
FB
NC
11
10
9
1
2
3
4
5
12
67
8
13


Similar Part No. - RT8082

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8088A RICHTEK-RT8088A Datasheet
236Kb / 16P
   2.7MHz 3A Step-Down Converter with I2C Interface
August 2017
RT8088AWSC RICHTEK-RT8088AWSC Datasheet
236Kb / 16P
   2.7MHz 3A Step-Down Converter with I2C Interface
August 2017
RT8089A RICHTEK-RT8089A Datasheet
210Kb / 15P
   3A, 1MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8082

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com