Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8251 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8251
Description  5A, 24V, 570kHz Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8251 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8251 Datasheet HTML 2Page - Richtek Technology Corporation RT8251 Datasheet HTML 3Page - Richtek Technology Corporation RT8251 Datasheet HTML 4Page - Richtek Technology Corporation RT8251 Datasheet HTML 5Page - Richtek Technology Corporation RT8251 Datasheet HTML 6Page - Richtek Technology Corporation RT8251 Datasheet HTML 7Page - Richtek Technology Corporation RT8251 Datasheet HTML 8Page - Richtek Technology Corporation RT8251 Datasheet HTML 9Page - Richtek Technology Corporation RT8251 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
RT8251
6
DS8251-04
February 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Output Voltag Deviation vs. Load Current
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0.001
0.01
0.1
1
10
Load Current (A)
VOUT = 3.3V
VIN = 24V
VIN = 12V
VIN = 5V
Reference Voltage vs. Temperature
0.786
0.791
0.796
0.801
0.806
0.811
0.816
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 12V
Output Voltage Deviation vs. Input Voltage
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
4
6.5
9
11.5
14
16.5
19
21.5
24
Input Voltage (V)
VOUT = 3.3V
IOUT = 5A
IOUT = 3A
IOUT = 0A
Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
00.5
1
1.5
22.5
33.544.5
5
Load Current (A)
VIN = 12V
VOUT = 3.3V
VIN = 24V
Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Load Current (A)
VOUT = 5V
VIN = 12V
VIN = 24V
Quiescent Current vs. Temperature
0
0.2
0.4
0.6
0.8
1
1.2
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 12V


Similar Part No. - RT8251

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8250GSP RICHTEK-RT8250GSP Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - RT8251

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB634 MPS-NB634 Datasheet
349Kb / 13P
   High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
   2A, 24V Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
   3A, 24V, 1.2MHz Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
   2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
   1.2A, 24V, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
   1.8A, 24V, 1.4MHz Step-Down Converter
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
   1.8A, 24V, 1.4MHz Step-Down Converter
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
   1.8A, 24V, 1.4MHz Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
   2A, 24V Synchronous Step-Down Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com