Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK316BJ476MM Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # LMK316BJ476MM
Description  5A, 24V, 570kHz Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

LMK316BJ476MM Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button LMK316BJ476MM Datasheet HTML 4Page - Richtek Technology Corporation LMK316BJ476MM Datasheet HTML 5Page - Richtek Technology Corporation LMK316BJ476MM Datasheet HTML 6Page - Richtek Technology Corporation LMK316BJ476MM Datasheet HTML 7Page - Richtek Technology Corporation LMK316BJ476MM Datasheet HTML 8Page - Richtek Technology Corporation LMK316BJ476MM Datasheet HTML 9Page - Richtek Technology Corporation LMK316BJ476MM Datasheet HTML 10Page - Richtek Technology Corporation LMK316BJ476MM Datasheet HTML 11Page - Richtek Technology Corporation LMK316BJ476MM Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
RT8251
8
DS8251-04
February 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Power On from EN
Time (250
μs/Div)
VOUT
(2V/Div)
VEN
(5V/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 5A
Power Off from EN
Time (25
μs/Div)
VOUT
(2V/Div)
VEN
(5V/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 5A


Similar Part No. - LMK316BJ476MM

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
LMK316BJ476ML-T ENPIRION-LMK316BJ476ML-T Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
LMK316BJ476ML-T ENPIRION-LMK316BJ476ML-T Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
LMK316BJ476ML-T ENPIRION-LMK316BJ476ML-T Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
LMK316BJ476ML-T ENPIRION-LMK316BJ476ML-T Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
More results

Similar Description - LMK316BJ476MM

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB634 MPS-NB634 Datasheet
349Kb / 13P
   High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
   2A, 24V Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
   3A, 24V, 1.2MHz Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
   2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
   1.2A, 24V, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
   1.8A, 24V, 1.4MHz Step-Down Converter
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
   1.8A, 24V, 1.4MHz Step-Down Converter
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
   1.8A, 24V, 1.4MHz Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
   2A, 24V Synchronous Step-Down Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com