Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP01AX Datasheet(PDF) 6 Page - Analog Devices

Part # AMP01AX
Description  Low Noise, Precision Instrumentation Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01AX Datasheet(HTML) 6 Page - Analog Devices

Back Button AMP01AX Datasheet HTML 2Page - Analog Devices AMP01AX Datasheet HTML 3Page - Analog Devices AMP01AX Datasheet HTML 4Page - Analog Devices AMP01AX Datasheet HTML 5Page - Analog Devices AMP01AX Datasheet HTML 6Page - Analog Devices AMP01AX Datasheet HTML 7Page - Analog Devices AMP01AX Datasheet HTML 8Page - Analog Devices AMP01AX Datasheet HTML 9Page - Analog Devices AMP01AX Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
AMP01
–6–
REV. D
WAFER TEST LIMITS (@ V
S =
15 V, RS = 10 k , RL = 2 k , TA = +25 C, unless otherwise noted)
AMP01NBC
AMP01GBC
Parameter
Symbol Conditions
Limit
Limit
Units
Input Offset Voltage
VIOS
60
120
µV max
Output Offset Voltage
VOOS
4
8
mV max
Offset Referred to Input
PSR
V+ = +5 V to +15 V
dB min
vs. Positive Supply
G = 1000
120
110
dB min
G = 100
110
100
dB min
G = 10
95
90
dB min
G = 1
75
70
dB min
Offset Referred to Input
PSR
V– = –5 V to –15 V
dB min
vs. Negative Supply
G = 1000
105
105
dB min
G = 100
90
90
dB min
G = 10
70
70
dB min
G = 1
50
50
dB min
Input Bias Current
IB
48
nA max
Input Offset Current
IOS
13
nA max
Input Voltage Range
IVR
Guaranteed by CMR Tests
±10
±10
V min
Common Mode Rejection
CMR
VCM =
±10 V
dB min
G = 1000
125
115
dB min
G = 100
120
110
dB min
G = 10
100
95
dB min
G = 1
85
75
dB min
Gain Equation Accuracy
G =
20
× R
S
R
G
0.6
0.8
% max
Output Voltage Swing
VOUT
RL = 2 kΩ± 13
±13
V min
VOUT
RL = 500
Ω±13
±13
V min
VOUT
RL = 50
Ω±2.5
±2.5
V min
Output Current Limit
Output to Ground Short
±60
±60
mA min
Output Current Limit
Output to Ground Short
±120
±120
mA max
Quiescent Current
IQ
+V Linked to +VOP
4.8
4.8
mA max
–V Linked to –VOP
4.8
4.8
mA max
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
VIOS
NULL
RGAIN
RSCALE
VOOS
NULL
R1
47.5k
R2
2.5k
R4
2.5k
R3
47.5k
A1
A3
A2
Q1
Q2
250
250
–IN
+IN
REFERENCE
V+
+VOP
OUTPUT
–VOP
SENSE
V–
Figure 1. Simplified Schematic
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AMP01 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AMP01AX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP01AX AD-AMP01AX Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
More results

Similar Description - AMP01AX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
   Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com