Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225X5R0J476M Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # C3225X5R0J476M
Description  2A, 23V, 1.2MHz Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R0J476M Datasheet(HTML) 5 Page - Richtek Technology Corporation

  C3225X5R0J476M Datasheet HTML 1Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 2Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 3Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 4Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT8252B
5
DS8252B-02
March 2011
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Logic-High
VIH
2.7
--
5.5
EN Threshold
Voltage
Logic-Low
VIL
--
--
0.4
V
Input Under Voltage Lockout
Threshold
VIN Rising
3.8
4.2
4.5
V
Input Under Voltage Lockout
Hysteresis
--
320
--
mV
Soft-Start Current
VSS = 0V
--
6
--
μA
Soft-Start Period
CSS = 0.1μF
--
13.5
--
ms
Thermal Shutdown
TSD
--
150
--
°C
Note 1. Stresses listed as the above
"Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in natural convection at TA = 25°C on a high effective thermal conductivity four-layer test board of
JEDEC 51-7 thermal measurement standard. The measurement case position of
θJC is on the exposed pad for
SOP-8 (Exposed Pad) package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.


Similar Part No. - C3225X5R0J476M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
C3225X5R0J476M NSC-C3225X5R0J476M Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
TDK Electronics
C3225X5R0J476M TDK-C3225X5R0J476M Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
logo
Richtek Technology Corp...
C3225X5R0J476M RICHTEK-C3225X5R0J476M Datasheet
204Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
C3225X5R0J476M RICHTEK-C3225X5R0J476M Datasheet
275Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
National Semiconductor ...
C3225X5R0J476M NSC-C3225X5R0J476M Datasheet
1Mb / 12P
   LMZ1050xEXT Evaluation Board
More results

Similar Description - C3225X5R0J476M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8295B RICHTEK-RT8295B Datasheet
290Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8293B RICHTEK-RT8293B Datasheet
289Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
   2A 23V Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
   1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
   2A, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com