Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP03BJ Datasheet(PDF) 5 Page - Analog Devices

Part # AMP03BJ
Description  Precision, Unity-Gain Differential Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP03BJ Datasheet(HTML) 5 Page - Analog Devices

  AMP03BJ Datasheet HTML 1Page - Analog Devices AMP03BJ Datasheet HTML 2Page - Analog Devices AMP03BJ Datasheet HTML 3Page - Analog Devices AMP03BJ Datasheet HTML 4Page - Analog Devices AMP03BJ Datasheet HTML 5Page - Analog Devices AMP03BJ Datasheet HTML 6Page - Analog Devices AMP03BJ Datasheet HTML 7Page - Analog Devices AMP03BJ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AMP03
–5–
REV. E
TEMPERATURE – C
0.003
–75 –50
100
–25
0
255075
0.002
0.000
–0.001
–0.002
–0.003
0.001
125 150
VS = 15V
RS = 0
Figure 10. Gain Error vs. Temperature
SUPPLY VOLTAGE – Volts
4
0
0
5
20
10
15
2
1
3
TA = +25 C
Figure 13. Supply Current vs. Supply
Voltage
FREQUENCY – Hz
120
100
0
1
10
10k
100
1k
80
60
40
20
TA = +25 C
VS = 15V
Figure 16. Voltage Noise Density vs.
Frequency
+10 V
0V
–10 V
NOTE: EXTERNAL AMPLIFIER GAIN = 1000;
THEREFORE, VERTICAL SCALE = 10 V/DIV.
Figure 19. Voltage Noise from 0 kHz to 10 kHz
TEMPERATURE – C
13
6
–75 –50
125
–25
0
25
50
75
100
12
10
9
8
7
11
VS = 15V
RL = 2k
Figure 11. Slew Rate vs. Temperature
OUTPUT SOURCE CURRENT – mA
17.5
0
06
36
12
18
24
30
15.0
12.5
10.0
5.0
2.5
7.5
TA = +25 C
VS = 18V
VS = 15V
VS = 12V
VS = 9V
VS = 5V
Figure 14. Maximum Output Voltage
vs. Output Current (Source)
+1 V
0V
–1 V
0.1 TO 10Hz PEAK-TO-PEAK NOISE
Figure 17. Low Frequency Voltage
Noise
TEMPERATURE – C
6
–75 –50
125
–25
0
25
50
75 100
5
3
2
1
0
4
150
VS = 15V
Figure 12. Supply Current vs.
Temperature
OUTPUT SINK CURRENT – mA
–17.5
0
0
–2
–12
–4
–6
–8
–10
–15.0
–12.5
–10.0
–5.0
–2.5
–7.5
TA = +25 C
VS = 18V
VS = 15V
VS = 12V
VS = 9V
VS = 5V
Figure 15. Maximum Output Voltage
vs. Output Current (Sink)
+10 V
0V
–10 V
NOTE: EXTERNAL AMPLIFIER GAIN = 1000;
THEREFORE, VERTICAL SCALE = 10 V/DIV.
Figure 18. Voltage Noise from 0 kHz
to 1 kHz


Similar Part No. - AMP03BJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP03BJ AD-AMP03BJ Datasheet
258Kb / 8P
   Precision, Unity-Gain Differential Amplifier
AMP03BJ/883C AD-AMP03BJ/883C Datasheet
258Kb / 8P
   Precision, Unity-Gain Differential Amplifier
More results

Similar Description - AMP03BJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA105 TI1-INA105 Datasheet
716Kb / 17P
[Old version datasheet]   Precision Unity Gain DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AMP03 AD-AMP03_03 Datasheet
258Kb / 8P
   Precision, Unity-Gain Differential Amplifier
logo
Burr-Brown (TI)
INA105 BURR-BROWN-INA105 Datasheet
182Kb / 12P
   Precision Unity Gain DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AMP03GSZ AD-AMP03GSZ Datasheet
267Kb / 8P
   Precision, Unity-Gain Differential Amplifier
REV. F
logo
Texas Instruments
INA106 TI1-INA106 Datasheet
1Mb / 14P
[Old version datasheet]   Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Burr-Brown (TI)
INA106 BURR-BROWN-INA106 Datasheet
175Kb / 6P
   Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
INA106U TI1-INA106U Datasheet
1Mb / 13P
[Old version datasheet]   Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
   Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
AD8475 AD-AD8475_17 Datasheet
549Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
AD8475 AD-AD8475 Datasheet
554Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com