Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMPAD708 Datasheet(PDF) 2 Page - Analog Devices

Part # AMPAD708
Description  Ultralow Offset Voltage Dual Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMPAD708 Datasheet(HTML) 2 Page - Analog Devices

  AMPAD708 Datasheet HTML 1Page - Analog Devices AMPAD708 Datasheet HTML 2Page - Analog Devices AMPAD708 Datasheet HTML 3Page - Analog Devices AMPAD708 Datasheet HTML 4Page - Analog Devices AMPAD708 Datasheet HTML 5Page - Analog Devices AMPAD708 Datasheet HTML 6Page - Analog Devices AMPAD708 Datasheet HTML 7Page - Analog Devices AMPAD708 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD708–SPECIFICATIONS (@ +25 C and 15 V dc, unless otherwise noted)
–2–
REV. B
AD708J/A
AD708B
AD708S
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
1
30
100
5
50
5
30
µV
TMIN to TMAX
50
150
15
65
15
50
µV
Drift
0.3
1.0
0.1
0.4
0.1
0.3
µV/°C
Long Term Stability
0.3
0.3
0.3
µV/Month
INPUT BIAS CURRENT
1.0
2.5
0.5
1.0
0.5
1
nA
TMIN to TMAX
2.0
4.0
1.0
2.0
1.0
4
nA
Average Drift
15
40
10
25
10
30
pA/
°C
OFFSET CURRENT
VCM = 0 V
0.5
2.0
0.1
1.0
0.1
1
nA
TMIN to TMAX
2.0
4.0
0.2
1.5
0.2
1.5
nA
Average Drift
2
60
1
25
1
25
pA/
°C
MATCHING CHARACTERISTICS
2
Offset Voltage
80
50
30
µV
TMIN to TMAX
150
75
50
µV
Offset Voltage Drift
1.0
0.4
0.3
µV/°C
Input Bias Current
4.0
1.0
1.0
nA
TMIN to TMAX
5.0
2.0
2.0
nA
Common-Mode Rejection
120
140
130
140
130
140
dB
TMIN to TMAX
110
130
130
dB
Power Supply Rejection
110
120
120
dB
TMIN to TMAX
110
120
120
dB
Channel Separation
135
140
140
dB
INPUT VOLTAGE NOISE
0.1 Hz to 10 Hz
0.23
0.6
0.23
0.6
0.23
0.35
µV p-p
f = 10 Hz
10.3
18
10.3
12
10.3
12
nV/
√Hz
f = 100 Hz
10.0
13.0
10.0
11.0
10.0
11
nV/
√Hz
f = 1 kHz
9.6
11.0
9.6
11.0
9.6
11
nV/
√Hz
INPUT CURRENT NOISE
0.1 Hz to 10 Hz
14
35
14
35
14
35
pA p-p
f = 10 Hz
0.32
0.9
0.32
0.8
0.32
0.8
pA/
√Hz
f = 100 Hz
0.14
0.27
0.14
0.23
0.14
0.23
pA/
√Hz
f = 1 kHz
0.12
0.18
0.12
0.17
0.12
0.17
pA/
√Hz
COMMON-MODE
REJECTION RATIO
VCM = ± 13 V
120
140
130
140
130
140
dB
TMIN to TMAX
120
140
130
140
130
140
dB
OPEN-LOOP GAIN
VO = ± 10 V
RLOAD ≥ 2 kΩ
3
10
5
10
4
10
V/
µV
TMIN to TMAX
310
5
10
4
7V/
µV
POWER SUPPLY
REJECTION RATIO
VS = ±3 V to ±18 V
110
130
120
130
120
130
dB
TMIN to TMAX
110
130
120
130
120
130
dB
FREQUENCY RESPONSE
Closed Loop Bandwidth
0.5
0.9
0.5
0.9
0.5
0.9
MHz
Slew Rate
0.15
0.3
0.15
0.3
0.15
0.3
V/
µs
INPUT RESISTANCE
Differential
60
200
200
M
Common Mode
200
400
400
G
OUTPUT VOLTAGE
RLOAD ≥ 10 kΩ
13.5
14
13.5
14.0
13.5
14
±V
RLOAD ≥ 2 kΩ
12.5
13.0
12.5
13.0
12.5
13
±V
RLOAD ≥ 1 kΩ
12.0
12.5
12.0
12.5
12.0
12.5
±V
RLOAD ≥ 2 kΩ
TMIN to TMAX
12.0
13.0
12.0
13.0
12.0
13
±V
OPEN-LOOP OUTPUT
RESISTANCE
60
60
60


Similar Part No. - AMPAD708

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
AMPA EVERLIGHT-AMPA Datasheet
93Kb / 6P
   This precision optical performance oval LED is specifically designed for passenger information signs
logo
Advanced Micro Devices
AMPAL20L10-20 AMD-AMPAL20L10-20 Datasheet
1Mb / 23P
   PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
AMPAL20L10AL AMD-AMPAL20L10AL Datasheet
1Mb / 23P
   PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
AMPAL20L10B AMD-AMPAL20L10B Datasheet
1Mb / 23P
   PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
   PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
More results

Similar Description - AMPAD708

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD708 AD-AD708_06 Datasheet
351Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
AD708 AD-AD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708_15 Datasheet
352Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
AD8599 AD-AD8599 Datasheet
449Kb / 16P
   Dual Ultralow Distortion, Ultralow Noise Op Amp
REV. 0
AD647 AD-AD647 Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647 AD-AD647_15 Datasheet
385Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
OP07 AD-OP07 Datasheet
448Kb / 10P
   Ultralow Offset Voltage Dual Operational Amplifier
AD707 AD-AD707_15 Datasheet
329Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD707CH AD-AD707CH Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com