Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9074 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9074
Description  SMA Male to BNC Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9074 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9074 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9074 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9074 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-male-bnc-female-straight-adapter-pe9074-p.aspx
SMA Male to BNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Male to BNC Female Adapter
PE9074
PE9074 REV


Similar Part No. - PE9074

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
   SMA Female to SMA Female Adapter
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
   SMA Female to SMA Female Adapter
PE9071 PASTERNACK-PE9071 Datasheet
255Kb / 3P
   SMA Female to SMA Female Bulkhead Adapter
PE9072 PASTERNACK-PE9072 Datasheet
251Kb / 2P
   SMA Male to BNC Male Adapter
PE9073 PASTERNACK-PE9073 Datasheet
252Kb / 3P
   SMA Female to BNC Male Adapter
More results

Similar Description - PE9074

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-P4290 ETC2-BU-P4290 Datasheet
200Kb / 1P
   Adapter BNC Female to SMA Male
logo
Pomona Electronics
4289 POMONA-4289 Datasheet
21Kb / 1P
   Adapter, SMA Female To BNC Male
4290 POMONA-4290 Datasheet
26Kb / 1P
   Adapter, SMA Male To BNC Female
logo
Amphenol Corporation
242103 AMPHENOL-242103 Datasheet
34Kb / 1P
   SMA FEMALE TO BNC MALE ADAPTER
logo
Pasternack Enterprises,...
PE9073 PASTERNACK-PE9073 Datasheet
252Kb / 3P
   SMA Female to BNC Male Adapter
logo
Amphenol Corporation
242123 AMPHENOL-242123 Datasheet
33Kb / 1P
   SMA FEMALE TO BNC MALE ADAPTER
logo
Pasternack Enterprises,...
PE9495 PASTERNACK-PE9495 Datasheet
252Kb / 2P
   Precision SMA Male to BNC Female Adapter
PE9494 PASTERNACK-PE9494 Datasheet
246Kb / 2P
   Precision SMA Female to BNC Male Adapter
PE9075 PASTERNACK-PE9075 Datasheet
250Kb / 3P
   SMA Female to BNC Female Adapter
logo
Pomona Electronics
4288 POMONA-4288 Datasheet
20Kb / 1P
   Adapter, SMA Male To BNC Male
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com