Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1063LP3E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC1063LP3E
Description  Satellite Communications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1063LP3E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC1063LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC1063LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC1063LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC1063LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC1063LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC1063LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC1063LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC1063LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC1063LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC1063LP3E
v00.1012
GaAs MMIC I/Q MIXER
24 - 28 GHz
General Description
Features
Typical Applications
The Hmc1063LP3e is a compact i/q mmic mixer in a
leadless “Pb free” smT package, which can be used
as either an image reject mixer or a single sideband
Upconverter. The mixer utilizes two standard Hittite
double balanced mixer cells and a 90 degree hybrid
fabricated in a GaAs schottky diode process. A low
frequency quadrature hybrid was used to produce
a 1000 mHz LsB iF output. This product is a much
smaller alternative to hybrid style image reject mixers
and single sideband Upconverter assemblies. The
Hmc1063LP3e eliminates the need for wire bonding
and allows the use of surface mount manufacturing
techniques.
Electrical Specifications [1][2], T
A = +25°C, IF = 1000 MHz, LSB, LO = +10 dBm
Parameter
min.
Typ.
max.
min.
Typ.
max.
Units
Frequency range, rF
24 - 27
27- 28
GHz
Frequency range, LO
21 - 30
24 - 31
GHz
Frequency range, iF
Dc - 3
Dc - 3
GHz
conversion Gain
-11.5
-9.5
-11.5
-9.5
dB
image rejection
15
21
13
21
dBc
LO to rF isolation
30
42
28
36
dB
LO to iF isolation
40
40
dB
iP3 (input)
18
16
dBm
Amplitude Balance [2]
1
1
dB
Phase Balance [2]
-2
+2
Deg
[1] Unless otherwise noted all measurements performed as downconverter.
[2] Data taken without external 90
° hybrid.
Functional Diagram
The Hmc1063LP3e is ideal for:
• Point-to-Point and Point-to-multi-Point radio
• military radar, eW & eLiNT
• satellite communications
• sensors
Low LO Power: 10 dBm
Wide iF Bandwidth: Dc - 3 GHz
image rejection: 21 dBc
LO / rF isolation: 40 dB
High input iP3: 17 dBm
16 Lead 3x3 mm smT Package: 9 mm²


Similar Part No. - HMC1063LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1060LP3E HITTITE-HMC1060LP3E Datasheet
1Mb / 16P
   QUAD LOW NOISE HIGH PSRR
logo
Analog Devices
HMC1060LP3E AD-HMC1060LP3E Datasheet
1Mb / 16P
   QUAD LOW NOISE HIGH PSRR
logo
Hittite Microwave Corpo...
HMC1061LC5 HITTITE-HMC1061LC5 Datasheet
676Kb / 14P
   DC - 18 GHz, ULTRA-WIDEBAND, DUAL RANK 4 GS/s TRACK-AND-HOLD AMPLIFIER
HMC1065LP4E HITTITE-HMC1065LP4E Datasheet
949Kb / 14P
   Satellite Communications
logo
Analog Devices
HMC1065LP4E AD-HMC1065LP4E Datasheet
1,019Kb / 16P
   Satellite Communications
More results

Similar Description - HMC1063LP3E

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSN1810A-LF ZCOMM-PSN1810A-LF Datasheet
57Kb / 2P
   Satellite Communications
logo
Hittite Microwave Corpo...
HMC1065LP4E HITTITE-HMC1065LP4E Datasheet
949Kb / 14P
   Satellite Communications
logo
Z-Communications, Inc
PSN0930A-LF ZCOMM-PSN0930A-LF Datasheet
74Kb / 2P
   Satellite Communications
logo
Analog Devices
ADL5724 AD-ADL5724 Datasheet
431Kb / 13P
   Satellite communications
logo
Micross Components
HMC570 MICROSS-HMC570 Datasheet
974Kb / 11P
   Satellite Communications
HMC571 MICROSS-HMC571 Datasheet
909Kb / 11P
   Satellite Communications
HMC572 MICROSS-HMC572 Datasheet
909Kb / 11P
   Satellite Communications
logo
Hittite Microwave Corpo...
HMC1056LP4BE HITTITE-HMC1056LP4BE Datasheet
973Kb / 16P
   Satellite Communications
logo
Z-Communications, Inc
PSA4176C-LF ZCOMM-PSA4176C-LF Datasheet
85Kb / 2P
   Satellite Communications
logo
Analog Devices
HMC1065LP4E AD-HMC1065LP4E Datasheet
1,019Kb / 16P
   Satellite Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com