Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54T04 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54T04
Description  Single 12-Bit 750Msps Receiver and Feedback IC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS54T04 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS54T04 Datasheet HTML 3Page - Texas Instruments ADS54T04 Datasheet HTML 4Page - Texas Instruments ADS54T04 Datasheet HTML 5Page - Texas Instruments ADS54T04 Datasheet HTML 6Page - Texas Instruments ADS54T04 Datasheet HTML 7Page - Texas Instruments ADS54T04 Datasheet HTML 8Page - Texas Instruments ADS54T04 Datasheet HTML 9Page - Texas Instruments ADS54T04 Datasheet HTML 10Page - Texas Instruments ADS54T04 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
ADS54T01
www.ti.com
SLAS918 – DECEMBER 2012
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 750Msps, 50%
clock duty cycle, AVDD3V = 3.3V, AVDD/DRVDD/IOVDD = 1.8V, –1dBFS differential input (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNITS
ANALOG INPUTS
Differential input full-scale
1.0
1.25
Vpp
Input common mode voltage
1.9
±0.1
V
Input resistance
Differential at DC
1
k
Ω
Input capacitance
Each input to GND
2
pF
VCM common mode voltage output
1.9
V
Analog input bandwidth (3dB)
1200
MHz
DYNAMIC ACCURACY
Auto Correction Disabled
–20
–7.5
20
mV
Offset Error
Auto Correction Enabled
–1
0
1
mV
Offset temperature coefficient
–6.5
µV/°C
Gain error
–5
5
%FS
Gain temperature coefficient
0.005
%FS/°C
Differential nonlinearity
fIN = 230 MHz
–1
±0.9
2
LSB
Integral nonlinearity
fIN = 230 MHz
–5
±1.5
5
LSB
CLOCK INPUT
Input clock frequency
40
750
MHz
Input clock amplitude
2
Vpp
Input clock duty cycle
40%
50%
60%
Internal clock biasing
0.9
V
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS54T01


Similar Part No. - ADS54T04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04IZAY TI-ADS54T04IZAY Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04IZAYR TI-ADS54T04IZAYR Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
More results

Similar Description - ADS54T04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54T01 TI-ADS54T01_15 Datasheet
1Mb / 47P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
LM97937 TI1-LM97937 Datasheet
4Mb / 80P
[Old version datasheet]   Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
LM97937 TI-LM97937_15 Datasheet
4Mb / 80P
[Old version datasheet]   LM97937 Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
logo
List of Unclassifed Man...
CME6005 ETC2-CME6005 Datasheet
141Kb / 16P
   Single and dual band receiver IC
logo
Texas Instruments
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com