Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE4490RHAR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490RHAR
Description  Integrated Analog Front-End for Pulse Oximeters
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490RHAR Datasheet(HTML) 10 Page - Texas Instruments

Back Button AFE4490RHAR Datasheet HTML 6Page - Texas Instruments AFE4490RHAR Datasheet HTML 7Page - Texas Instruments AFE4490RHAR Datasheet HTML 8Page - Texas Instruments AFE4490RHAR Datasheet HTML 9Page - Texas Instruments AFE4490RHAR Datasheet HTML 10Page - Texas Instruments AFE4490RHAR Datasheet HTML 11Page - Texas Instruments AFE4490RHAR Datasheet HTML 12Page - Texas Instruments AFE4490RHAR Datasheet HTML 13Page - Texas Instruments AFE4490RHAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
AFE4490
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
www.ti.com
PIN DESCRIPTIONS (continued)
NAME
NO.
FUNCTION
DESCRIPTION
Output signal that indicates a PD sensor or cable fault.
PD_ALM/ADC Reset
23
Digital
Can be connected to the port pin of an external microcontroller.
In ADC bypass mode, the PD_ALM pin can be used to bring out the ADC reset signal.
AFE-only reset input, active low.
RESET
29
Digital
Can be connected to the port pin of an external microcontroller.
RX_ANA_GND
3, 36, 40
Supply
Rx analog ground pin. Connect to common board ground.
RX_ANA_SUP
33, 39
Supply
Rx analog supply pin (2.0 V to 3.6 V); 0.1-µF decoupling capacitor to ground
RX_DIG_GND
19, 32
Supply
Rx digital ground pin. Connect to common board ground.
RX_DIG_SUP
31
Supply
Rx digital supply pin (2.0 V to 3.6 V); 0.1-µF decoupling capacitor to ground
RXOUTN
34
Analog
External ADC negative input when in ADC bypass mode
RXOUTP
35
Analog
External ADC positive input when in ADC bypass mode
SCLK
24
SPI
SPI clock pin
SPISIMO
26
SPI
SPI serial in master out
SPISOMI
25
SPI
SPI serial out master in
SPISTE
27
SPI
SPI serial interface enable
TX_CTRL_SUP
11
Supply
Transmit control supply pin, 5 V (0.1-µF decoupling capacitor to ground)
TX_REF
9
Reference
Tx reference voltage
TXN
14
Analog
LED driver out B, H-bridge output. Connect to LED.
TXP
15
Analog
LED driver out B, H-bridge output. Connect to LED.
Input common-mode voltage output.
Connect a series resistor (1 k
Ω) and a decoupling capacitor (10 nF) to ground.
VCM
4
Reference
The voltage across the capacitor can be used to shield (guard) the INP, INM traces.
Expected voltage = 0.9 V.
VSS
8
Supply
Substrate ground. Connect to common board ground.
Crystal oscillator pins.
XOUT
37
Digital
Connect an external 8-MHz crystal between these pins with the correct load capacitor
(as specified by vendor) to ground.
Crystal oscillator pins.
XIN
38
Digital
Connect an external 8-MHz crystal between these pins with the correct load capacitor
(as specified by vendor) to ground.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4490


Similar Part No. - AFE4490RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4490 TI-AFE4490 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI1-AFE4490 Datasheet
2Mb / 96P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
More results

Similar Description - AFE4490RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4403 TI-AFE4403_15 Datasheet
1Mb / 97P
[Old version datasheet]   AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
logo
Analog Devices
AD8452 AD-AD8452 Datasheet
743Kb / 35P
   Precision Integrated Analog Front End, Controller
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
   INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
logo
Texas Instruments
TLFD500PN TI-TLFD500PN Datasheet
578Kb / 38P
[Old version datasheet]   3.3 V INTEGRATED G.LITE ANALOG FRONT END
TLFD500 TI1-TLFD500 Datasheet
544Kb / 38P
[Old version datasheet]   3.3 V INTEGRATED G.LITE ANALOG FRONT END
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com