Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV11873 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV11873
Description  12-V, 3-PHASE, SENSORLESS BLDC MOTOR DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV11873 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV11873 Datasheet HTML 2Page - Texas Instruments DRV11873 Datasheet HTML 3Page - Texas Instruments DRV11873 Datasheet HTML 4Page - Texas Instruments DRV11873 Datasheet HTML 5Page - Texas Instruments DRV11873 Datasheet HTML 6Page - Texas Instruments DRV11873 Datasheet HTML 7Page - Texas Instruments DRV11873 Datasheet HTML 8Page - Texas Instruments DRV11873 Datasheet HTML 9Page - Texas Instruments DRV11873 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DRV11873
SLWS237 – NOVEMBER 2012
www.ti.com
RD
over recommended operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IRD-SINK
RD pin sink current
VRD = 0.3 V
5
mA
IRD-short
RD pin short current limit
VRD = 12 V
20
25
mA
FR and FS
over recommended operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFR-IH
High-level input voltage
VCC ≥ 4.5 V
2.3
V
VFR-IL
Low-level input voltage
VCC ≥ 4.5 V
0.8
V
VFS-th
FS set threshold voltage
VCC ≥ 4.5 V
2.3
0.8
V
V5
over recommended operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V5
5V LDO voltage
VCC = 12 V
4.75
5
5.25
V
IV5
5V LDO load current
VCC = 12 V
20
mA
Lock Protection
over recommended operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FS = 0
0.875
1.25
1.625
TLOCK-ON
Lock detect time
s
FS = 1
0.437
0.625
0.812
FS = 0
4.375
6.25
8.125
TLOCK-OFF
Lock release time
s
FS = 1
2.187
3.125
4.06
Current Limit
over recommended operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current limit
CS pin to GND resistor = 3.3 k
Ω
1.7
2
2.3
A
Thermal Shutdown
over recommended operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Shut down temperature
160
TSDN
Shut down temperature threshold
°C
Hysteresis
10
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - DRV11873

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV11873 TI-DRV11873 Datasheet
844Kb / 16P
[Old version datasheet]   12-V, 3-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV11873PWPR TI-DRV11873PWPR Datasheet
844Kb / 16P
[Old version datasheet]   12-V, 3-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV11873PWPR TI1-DRV11873PWPR Datasheet
1Mb / 24P
[Old version datasheet]   12-V, 3-Phase, Sensorless BLDC Motor Driver
DRV11873 TI1-DRV11873_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-V, 3-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV11873

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV11873PWPR TI-DRV11873PWPR Datasheet
844Kb / 16P
[Old version datasheet]   12-V, 3-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV11873 TI1-DRV11873_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-V, 3-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com