Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90UB927-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # DS90UB927-Q1
Description  5MHz - 85MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90UB927-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  DS90UB927-Q1 Datasheet HTML 1Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 2Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 3Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 4Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 5Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 6Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 7Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 8Page - Texas Instruments DS90UB927-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
DS90UB927-Q1, DS90UB927Q, DS90UB927Q-Q1
www.ti.com
SNLS416B – JUNE 2012
DS90UB927Q 5MHz - 85MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control
Channel
Check for Samples: DS90UB927-Q1, DS90UB927Q, DS90UB927Q-Q1
1
FEATURES
DC-balanced & scrambled Data with
Embedded Clock
2
Bidirectional control channel interface with I2C
Supports repeater application
compatible serial control bus
Internal pattern generation
Low EMI FPD-Link video input
Low power modes minimize power dissipation
Supports high definition (720p) digital video
format
Automotive grade product: AEC-Q100 Grade 2
qualified
5MHz – 85MHz PCLK supported
>8kV HBM and ISO 10605 ESD rating
RGB888 + VS, HS, DE and I2S audio supported
Backward compatible modes
Up to 4 I2S Digital Audio inputs for surround
sound applications
APPLICATIONS
4 Bidirectional GPIO channels with 2 dedicated
pins
Automotive Display for Navigation
Single 3.3V supply with 1.8V or 3.3V
Rear Seat Entertainment Systems
compatible LVCMOS I/O interface
Automotive Driver Assistance
AC-coupled STP Interconnect up to 10 meters
Automotive Megapixel Camera Systems
DESCRIPTION
The DS90UB927Q serializer, in conjunction with a DS90UB928Q or DS90UB926Q deserializer, provides a
complete digital interface for concurrent transmission of high-speed video, audio, and control data for automotive
display and image sensing applications.
The chipset is ideally suited for automotive video display systens with HD formats and automotive vision systems
with megapixel resolutions. The DS90UB927Q incorporates an embedded bidirectional control channel and low
latency GPIO controls. This device translates a FPD-Link video interface into a single-pair high-speed serialized
interface. The FPD-Link III serial bus scheme supports full duplex, high speed forward channel data transmission
and low-speed back channel communication over a single differential link. Consolidation of audio, video, and
control data over a single differential pair reduces the interconnect size and weight, while also eliminating skew
issues and simplifying system design.
The DS90UB927Q serializer embeds the clock and level shifts the signals to high-speed differential signaling. Up
to 24 RGB data bits are serialized along with three video control signals, and up to four I2S data inputs.
The FPD-Link data interface allows for easy interfacing with data sources while also minimizing EMI and bus
width. EMI on the high-speed FPD-Link III bus is minimized using low voltage differential signaling, data
scrambling and randomization, and dc-balancing.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90UB927-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921TRHSRQ1 TI1-DS90UB921TRHSRQ1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921TRHSTQ1 TI1-DS90UB921TRHSTQ1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB924-Q1 TI1-DS90UB924-Q1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
DS90UB924TRHSRQ1 TI1-DS90UB924TRHSRQ1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
More results

Similar Description - DS90UB927-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH927Q TI-DS90UH927Q Datasheet
1Mb / 59P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with HDCP
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB925Q-Q1 TI1-DS90UB925Q-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   5 to 85 MHz 24-Bit Color FPD-Link III Serializer With Bidirectional Control Channel
DS90UH925AQ-Q1 TI1-DS90UH925AQ-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q TI1-DS90UH925Q Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q-Q1 TI1-DS90UH925Q-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q_15 Datasheet
1Mb / 50P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com