Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90UB927Q Datasheet(PDF) 3 Page - Texas Instruments

Part # DS90UB927Q
Description  5MHz - 85MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90UB927Q Datasheet(HTML) 3 Page - Texas Instruments

  DS90UB927Q Datasheet HTML 1Page - Texas Instruments DS90UB927Q Datasheet HTML 2Page - Texas Instruments DS90UB927Q Datasheet HTML 3Page - Texas Instruments DS90UB927Q Datasheet HTML 4Page - Texas Instruments DS90UB927Q Datasheet HTML 5Page - Texas Instruments DS90UB927Q Datasheet HTML 6Page - Texas Instruments DS90UB927Q Datasheet HTML 7Page - Texas Instruments DS90UB927Q Datasheet HTML 8Page - Texas Instruments DS90UB927Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
RxIN1-
RxIN1+
RxIN2-
RxIN2+
RxCLKIN-
GPIO1
RxIN3-
RxIN3+
GPIO0
RES1
CAPHS12
RES0
IDx
CAPP12
DOUT-
CMF
VDD33_A
PDB
DOUT+
RxCLKIN+
DS90UB927Q
TOP VIEW
DAP = GND
DS90UB927-Q1, DS90UB927Q, DS90UB927Q-Q1
www.ti.com
SNLS416B – JUNE 2012
DS90UB927Q Pin Diagram
Figure 2. DS90UB927Q — Top View
Pin Descriptions
Pin Name
Pin #
I/O, Type
Description
FPD-Link Input Interface
RxIN[3:0]+
38, 34, 32, 30
I, LVDS
True LVDS Data Inputs
Each pair requires external 100
Ω differential termination for standard LVDS levels
RxIN[3:0]-
37, 33, 31, 29
I, LVDS
Inverting LVDS Data Inputs
Each pair requires external 100
Ω differential termination for standard LVDS levels
RxCLKIN+
36
I, LVDS
True LVDS Clock Input
The pair requires external 100
Ω differential termination for standard LVDS levels
RxCLKIN-
35
I, LVDS
Inverting LVDS Clock Input
The pair requires external 100
Ω differential termination for standard LVDS levels
LVCMOS Parallel Interface
I2S_WC
1
I, LVCMOS
Digital Audio Interface I2S Word Clock and I2S Bit Clock Inputs
I2S_CLK
2
w/ pull down
Shared with GPIO_REG7 and GPIO_REG8
Table 3
I2S_DA
3
I, LVCMOS
Digital Audio Interface I2S Data Inputs
I2S_DB
4
w/ pull down
Shared with GPIO_REG6, GPIO_REG5, GPIO2, GPIO3
I2S_DC
5
I2S_DD
6
GPIO[1:0]
40, 39
I/O, LVCMOS General Purpose I/O
w/ pull down
See Table 1
REPEAT
21
I, LVCMOS
Repeater Mode Select
w/ pull down
REPEAT = 0, Repeater Mode disabled (Default)
REPEAT = 1, Repeater Mode enabled
Requires a 10k
Ω pull-up if set HIGH
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90UB927-Q1 DS90UB927Q DS90UB927Q-Q1


Similar Part No. - DS90UB927Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921TRHSRQ1 TI1-DS90UB921TRHSRQ1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921TRHSTQ1 TI1-DS90UB921TRHSTQ1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB924-Q1 TI1-DS90UB924-Q1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
DS90UB924TRHSRQ1 TI1-DS90UB924TRHSRQ1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
More results

Similar Description - DS90UB927Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH927Q TI-DS90UH927Q Datasheet
1Mb / 59P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with HDCP
DS90UB925Q TI1-DS90UB925Q Datasheet
699Kb / 41P
[Old version datasheet]   5 - 85 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB921-Q1 TI1-DS90UB921-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   5 - 96 MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB925Q-Q1 TI1-DS90UB925Q-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   5 to 85 MHz 24-Bit Color FPD-Link III Serializer With Bidirectional Control Channel
DS90UH925AQ-Q1 TI1-DS90UH925AQ-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q TI1-DS90UH925Q Datasheet
822Kb / 47P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UH925Q-Q1 TI1-DS90UH925Q-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   720p 24-bit Color FPD-Link III Serializer with HDCP
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q_15 Datasheet
1Mb / 50P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com