Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F9568902VEC Datasheet(PDF) 1 Page - Intersil Corporation

Part # 5962F9568902VEC
Description  Radiation Hardened 3.3V Quad Differential Line Receiver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9568902VEC Datasheet(HTML) 1 Page - Intersil Corporation

  5962F9568902VEC Datasheet HTML 1Page - Intersil Corporation 5962F9568902VEC Datasheet HTML 2Page - Intersil Corporation 5962F9568902VEC Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Radiation Hardened 3.3V Quad Differential Line
Receiver
HS-26CLV32RH, HS-26CLV32EH
The Intersil HS-26CLV32RH, HS-26CLV32EH are radiation
hardened 3.3V quad differential line receiver designed for
digital data transmission over balanced lines, in low voltage,
RS-422 protocol applications. Radiation hardened CMOS
processing assures low power consumption, high speed, and
reliable operation in the most severe radiation environments.
The HS-26CLV32RH, HS-26CLV32EH have an input sensitivity
of 200mV (Typ) over a common mode input voltage range of
-4V to
+7V. The receivers are also equipped with input fail safe
circuitry, which causes the outputs to go to a logic “1” when
the inputs are open. The device has unique inputs that remain
high impedance when the receiver is disabled or powered-down,
maintaining signal integrity in multi-receiver applications.
Specifications for Rad Hard QML devices are controlled by the
Defense Logistics Agency Land and Maritime (DLA). The SMD
numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-95689. A “hot-link” is provided on our
homepage for downloading.
Features
• Electrically screened to SMD # 5962-95689
• QML qualified per MIL-PRF-38535 requirements
• 1.2 micron radiation hardened CMOS
- Total dose . . . . . . . . . . . . . . . . . . . . . . . . . 300 krad(Si)(max)
- Single event upset LET . . . . . . . . . . . . . 100MeV/mg/cm2)
- Single event latch-up immune
• Low stand-by current . . . . . . . . . . . . . . . . . . . . . . . 13mA(max)
• Operating supply range . . . . . . . . . . . . . . . . . . . . . 3.0V to 3.6V
• Enable input levels. . . . . . . .VIH > (0.7)(VDD); VIL < (0.3)(VDD)
• CMOS output levels . . . . . . . . . . . . . .VOH > 2.55V; VOL < 0.4V
• Input fail safe circuitry
• High impedance inputs when disabled or powered-down
• Full -55°C to +125°C military temperature range
• Pb-free (RoHS compliant)
Applications
• Line receiver for MIL-STD-1553 serial data bus
Ordering Information
PART NUMBER
(Note)
INTERNAL
MKT. NUMBER
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
5962F9568902QEC
HS1-26CLV32RH-8
Q 5962F95 68902QEC
-55 to +125
16 Ld SBDIP
D16.3
5962F9568902QXC
HS9-26CLV32RH-8
Q 5962F95 68902QXC
-55 to +125
16 Ld FLATPACK
K16.A
5962F9568902VEC
HS1-26CLV32RH-Q
Q 5962F95 68902VEC
-55 to +125
16 Ld SBDIP
D16.3
5962F9568902VXC
HS9-26CLV32RH-Q
Q 5962F95 68902VXC
-55 to +125
16 Ld FLATPACK
K16.A
5962F9666302V9A
HS0-26CLV31RH-Q
-55 to +125
Die
HS0-26CLV31RH/SAMPLE
HS0-26CLV31RH/SAMPLE
-55 to +125
Die
HS1-26CLV32RH/PROTO
HS1-26CLV32RH/PROTO
HS1- 26CLV32RH /PROTO
-55 to +125
16 Ld SBDIP
D16.3
HS9-26CLV32RH/PROTO
HS9-26CLV32RH/PROTO
HS9- 26CLV32RH /PROTO
-55 to +125
16 Ld FLATPACK
K16.A
5962F9568904VEC
HS1-26CLV32EH-Q
Q 5962F95 68904VEC
-55 to +125
16 Ld SBDIP
D16.3
5962F9568904VXC
HS9-26CLV32EH-Q
Q 5962F95 68904VXC
-55 to +125
16 Ld FLATPACK
K16.A
5962F9568904V9A
HS0-26CLV32EH-Q
-55 to +125
Die
NOTE: These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with
both SnPb and Pb-free soldering operations.
January 8, 2013
FN4907.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2000, 2008, 2009, 2012, 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - 5962F9568902VEC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9568902VEC INTERSIL-5962F9568902VEC Datasheet
90Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Receiver
More results

Similar Description - 5962F9568902VEC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CLV32RH INTERSIL-HS-26CLV32RH Datasheet
90Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Receiver
5962F-9568901VXC INTERSIL-5962F-9568901VXC Datasheet
227Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26C32RH INTERSIL-HS-26C32RH Datasheet
159Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26CT32RH-T INTERSIL-HS-26CT32RH-T Datasheet
43Kb / 3P
   Radiation Hardened Quad Differential Line Receiver
HS-26CT32RH INTERSIL-HS-26CT32RH Datasheet
146Kb / 3P
   Radiation Hardened Quad Differential Line Receiver
HS9-26C32RH-8 INTERSIL-HS9-26C32RH-8 Datasheet
227Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26CLV31RH INTERSIL-HS-26CLV31RH Datasheet
111Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Driver
HS-26CLV31RH INTERSIL-HS-26CLV31RH_12 Datasheet
299Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Drivers
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Differential Line Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com