Electronic Components Datasheet Search |
|
INA286 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
INA286 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 33 page INA282, INA283 INA284, INA285 INA286 SBOS485B – NOVEMBER 2009 – REVISED SEPTEMBER 2012 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE/ORDERING INFORMATION(1) PACKAGE PACKAGE PRODUCT GAIN PACKAGE DESIGNATOR MARKING INA282 50V/V SOIC-8 D I282A INA283 200V/V SOIC-8 D I283A INA284 500V/V SOIC-8 D I284A INA285 1000V/V SOIC-8 D I285A INA286 100V/V SOIC-8 D I286A (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or refer to the device product folder at www.ti.com. ABSOLUTE MAXIMUM RATINGS (1) Over operating free-air temperature range, unless otherwise noted. INA282, INA283, INA284, INA285, INA286 UNIT Supply Voltage +18 V Differential (V+IN) – (V–IN) (3) –5 to +5 V Analog Inputs, V+IN, V–IN (2) Common-Mode –14 to +80 V Ref1, Ref2, Out GND–0.3 to (V+) + 0.3 V Input Current into Any Pin 5 mA Storage Temperature –65 to +150 °C Junction Temperature +150 °C Human Body Model (HBM) 3000 V ESD Ratings: Charged-Device Model (CDM) 1000 V Machine Model (MM) 200 V (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. (2) V+IN and V–IN are the voltages at the +IN and –IN pins, respectively. (3) Input voltages must not exceed common-mode rating. THERMAL INFORMATION INA282AID, INA283AID, INA284AID, INA285AID, THERMAL METRIC(1) UNITS INA286AID D 8 θJA Junction-to-ambient thermal resistance 134.9 θJCtop Junction-to-case (top) thermal resistance 72.9 θJB Junction-to-board thermal resistance 61.3 °C/W ψJT Junction-to-top characterization parameter 18.9 ψJB Junction-to-board characterization parameter 54.3 θJCbot Junction-to-case (bottom) thermal resistance n/a (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. 2 Submit Documentation Feedback Copyright © 2009–2012, Texas Instruments Incorporated Product Folder Links: INA282 INA283 INA284 INA285 INA286 |
Similar Part No. - INA286 |
|
Similar Description - INA286 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |