Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95820 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL95820
Description  Green Hybrid Digital Four Phase PWM Controller for Intel VR12.5 CPUs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95820 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL95820 Datasheet HTML 5Page - Intersil Corporation ISL95820 Datasheet HTML 6Page - Intersil Corporation ISL95820 Datasheet HTML 7Page - Intersil Corporation ISL95820 Datasheet HTML 8Page - Intersil Corporation ISL95820 Datasheet HTML 9Page - Intersil Corporation ISL95820 Datasheet HTML 10Page - Intersil Corporation ISL95820 Datasheet HTML 11Page - Intersil Corporation ISL95820 Datasheet HTML 12Page - Intersil Corporation ISL95820 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
ISL95820
9
FN8318.0
February 4, 2013
System Accuracy
CRTZ
Error (VOUT)
No load; closed loop, active mode range,
VID = 1.00V to 2.3V,
-0.5
+0.5
%
VID = 0.80V to 0.99V
-5+5
mV
VID = 0.5V to 0.79V
-8+8
mV
IRTZ
Error (VOUT)
No load; closed loop, active mode range,
VID = 1.00V to 2.3V
-0.8
+0.8
%
VID = 0.8V to 0.99V
-8+8
mV
VID = 0.5V to 0.79V
-10
+10
mV
Internal VBOOT
CRTZ
1.64
1.65
1.66
V
1.69
1.70
1.71
V
1.74
1.75
1.76
V
IRTZ
1.635
1.65
1.665
V
1.685
1.70
1.715
V
1.735
1.75
1.765
V
CHANNEL FREQUENCY
200kHz Configuration
fsw_200k
180
200
220
kHz
300kHz Configuration
fsw_300k
275
300
325
kHz
450kHz Configuration
fsw_450k
410
450
490
kHz
AMPLIFIERS
Current-Sense Amplifier Input Offset
CRTZ
IFB = 0A
-0.2
+0.2
mV
IRTZ
IFB = 0A
-0.3
+0.3
mV
Error Amp DC Gain
AV0
119
dB
Error Amp Gain-Bandwidth Product
GBW
CL = 20pF
17
MHz
ISEN
ISEN Offset Voltage
Maximum of ISEN - Minimum of ISEN
1
mV
ISEN Input Bias Current
20
nA
GATE DRIVER BOOTSTRAP SWITCHES (Phases 1-3)
On-resistance
RF
40
Reverse Leakage
IR
VVDDP = 12V, VVR_ON = 0, BOOT and PHASE
connected and total current measured
0.2
µA
GATE DRIVER OUTPUTS (Phases 1-3)
UGATE Pull-Up Resistance
RUGPU
250mA Source Current
3.70
UGATE Source Current
IUGSRC
UGATE - PHASE = 2.5V
1.30
A
UGATE Pull-Down Resistance
RUGPD
250mA Sink Current
1.41
UGATE Sink Current
IUGSNK
UGATE - PHASE = 2.5V
1.27
A
LGATE Pull-Up Resistance
RLGPU
250mA Source Current
2.75
LGATE Source Current
ILGSRC
LGATE - VSSP = 2.5V
1.75
A
LGATE Pull-Down Resistance
RLGPD
250mA Sink Current
0.60
LGATE Sink Current
ILGSNK
LGATE - VSSP = 2.5V
2.14
A
Electrical Specifications Operating Conditions: VDD = 5V, TA = 0°C to +70°C (ISL95820CRTZ), TA = -40°C to +85°C
(ISL95820IRTZ), fSW = 300kHz, unless otherwise noted. Boldface limits apply over the operating temperature ranges. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS


Similar Part No. - ISL95820

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95820 RENESAS-ISL95820 Datasheet
181Kb / 2P
   Green Hybrid Digital Four Phase PWM Controller for Intel VR12.5™ CPUs
October 15, 2013
More results

Similar Description - ISL95820

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95820 RENESAS-ISL95820 Datasheet
181Kb / 2P
   Green Hybrid Digital Four Phase PWM Controller for Intel VR12.5™ CPUs
October 15, 2013
ISL95821 RENESAS-ISL95821 Datasheet
185Kb / 2P
   Three Phase PWM Controller for Intel VR12.5??CPUs
ISL95816 RENESAS-ISL95816 Datasheet
193Kb / 2P
   4-Phase PWM Controller for VR12.5 CPUs
ISL95816A RENESAS-ISL95816A Datasheet
194Kb / 2P
   4-Phase PWM Controller for VR12.5 and VR12.6 CPUs
ISL95825 RENESAS-ISL95825 Datasheet
194Kb / 2P
   Three Phases PWM Controller for VR12.5/VR12.6 CPUs
ISL95822 RENESAS-ISL95822 Datasheet
185Kb / 2P
   Dual-Phase PWM Regulator for VR12.5 and VR12.6 CPUs
logo
Monolithic Power System...
MP2935 MPS-MP2935 Datasheet
1Mb / 42P
   4-Phase PWM Controller for VR12.5 Applications
logo
Renesas Technology Corp
ISL95812 RENESAS-ISL95812 Datasheet
178Kb / 2P
   Multiphase PWM Regulator for VR12.5, VR12.6 and VR12.6 CPUs
March 5, 2013
logo
uPI Group Inc.
UP1651Q UPI-UP1651Q Datasheet
277Kb / 21P
   2/1-Phase PWM Controller with SVID for VR12.5
logo
Intersil Corporation
ISL6367H INTERSIL-ISL6367H Datasheet
131Kb / 2P
   Green Hybrid Digital Dual 6-Phase 1 Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com