Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC16FP Datasheet(PDF) 10 Page - Analog Devices

Part # DAC16FP
Description  16-Bit High Speed Current-Output DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC16FP Datasheet(HTML) 10 Page - Analog Devices

Back Button DAC16FP Datasheet HTML 4Page - Analog Devices DAC16FP Datasheet HTML 5Page - Analog Devices DAC16FP Datasheet HTML 6Page - Analog Devices DAC16FP Datasheet HTML 7Page - Analog Devices DAC16FP Datasheet HTML 8Page - Analog Devices DAC16FP Datasheet HTML 9Page - Analog Devices DAC16FP Datasheet HTML 10Page - Analog Devices DAC16FP Datasheet HTML 11Page - Analog Devices DAC16FP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DAC16
REV. B
–10–
at different speeds, then the DAC output current will momen-
tarily take on some incorrect value. This effect is particularly
troublesome at the “carry points,” where the DAC output is to
change by only one LSB, but several of the larger current
sources must be switched to realize this change. Data skew can
allow the DAC output to move a substantial amount towards
full scale or zero (depending upon the direction of the skew)
when only a small transition is desired. The glitch-sensitive user
should be equally diligent about minimizing the data skew at the
DAC16’s inputs, particularly the five most significant bits. This
can be achieved by using the proper logic family and gate to
drive the DAC inputs, and keeping the interconnect lines be-
tween the latches and the DAC inputs as short and as well
matched as possible. Logic families that were empirically deter-
mined to operate well with the DAC16 are devices from the
74AC11xxx and 74ACT11xxx advanced CMOS logic families.
These devices have been purposely designed with improved lay-
out and tailored rise times for minimizing ground bounce and
digital feedthrough.
Deglitching
The output glitch of the DAC16 at the major carry (7FFEH to
7FFFH) is a not-insignificant 360 pA-sec, manifested as a
momentary output transition to the negative rail for approxi-
mately 200 ns. Due to the inherent low-pass or time-sampled
nature of many systems, this behavior in the DAC16 is not
noticeable and does not detract from overall performance. Some
applications however may prove so sensitive to glitch impulse
that reduction by an order of magnitude or more is required. In
order to realize low glitch impulses, some sort of sample-and-
hold amplifier-based deglitching scheme must be used.
There are high speed SHAs available with specifications suffi-
cient to deglitch the DAC16; however, most are hybrid in topol-
ogy at costs which can be prohibitive. A high performance, low
cost alternative shown in Figure 27 is a discrete SHA utilizing a
high speed monolithic op amp and high speed DMOS FET
switches.
This SHA circuit uses the inverting integrator structure. A
300 MHz gain-bandwidth product op amp, the AD841, is the
heart of this fast SHA. The time constant formed by the 200
resistor and the 100 pF capacitor determines the acquisition
time and also hand limits the output signal to eliminate slew-
induced distortion.
DAC16 Noise Performance
The novel architecture employed in the DAC16 yields very low
wideband noise. Figure 26 illustrates the circuit configuration
for evaluating the DAC16’s noise performance. An OP27 is
used as the DAC16’s output I–V converter which is configured
to produce a 5 V full-scale output voltage. The output of the
OP27 was then capacitively coupled to an OP37 stage config-
ured in a gain of 101. Note that the techniques for reducing
wideband noise of the voltage reference and the DAC’s internal
reference amplifier were used. As a result of these techniques,
the DAC16 exhibited a full-scale output noise spectral density
of 31 pA/
√Hz at 1 kHz.
Digital Feedthrough and Data Skew
The DAC16 features a compound DAC architecture where the
5 most significant bits utilize 31 identical, segmented current
sources to obtain optimal high speed settling at major code tran-
sitions. Although every effort has been made to equalize the
speeds at which the DAC switches operate, there exists finite
skew in the MSB DAC switches.
As with any converter product, a high speed digital-to-analog
converter is forced to exist on the frontier between the noisy en-
vironment of high speed digital logic and the sensitive analog
domain. The problems of this interlace are particularly acute
when demands of high speed (greater than 10 MHz switching
times) and high precision are combined. No amount of design
effort can perfectly isolate the analog portions of a DAC from
the spectral components of a digital input signal with a 2 ns rise
time. Inevitably, once this digital signal is brought onto the chip,
some of its higher frequency components will find their way to
the sensitive analog nodes, producing a digital feedthrough
glitch. To minimize the exposure to this effect, the DAC16 was
designed to omit intentionally the on-board latches that are usu-
ally included in many slower DACs. This not only reduces the
overall level of digital activity on chip, it also avoids bringing a
latch clock pulse onto the IC, whose opposite edge inevitably
produces a substantial glitch, even when the DAC is not sup-
posed to be changing codes.
The DAC16 uses each digital input line to switch each current
segment in the DAC between the output diode-connected
transistor and the logic control transistor. If the input bits are
not changed simultaneously, or if the different DAC bits switch
74AC11377
REF GND
R1
5k
IREF
+15V
0.1 F
REF02
22 F
R2
5k
DAC16
CCOMP
C1
47 F
IOUT
AGND
C2
100nF
CERAMIC
–15V
10 F
0.1 F
+5V
DIGITAL +5V
PIN 3, DAC16
OP27A
10 F
0.1 F
+15V
10 F
0.1 F
–15V
VOUT
0V TO +5V FS
10 F
0.1 F
–15V
R3
1.25k
(2.49k
2)
88
CLK
EN
74AC11377
DB0 – DB7
DB8 – DB15
DIGITAL INPUT WORD
RESISTORS:
CADDOCK T912–5K–010–02 (OR EQUIVALENT)
5k , 0.01%, TC TRACK = 2 ppm/ C
Figure 26. DAC16 Noise Measurement Test Circuit


Similar Part No. - DAC16FP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
DAC1600JP-V BURR-BROWN-DAC1600JP-V Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
DAC1600KP-V BURR-BROWN-DAC1600KP-V Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
logo
Integrated Device Techn...
DAC1617D1G0 IDT-DAC1617D1G0 Datasheet
1Mb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
logo
Renesas Technology Corp
DAC1617D1G0 RENESAS-DAC1617D1G0 Datasheet
857Kb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
12 December 2012
More results

Similar Description - DAC16FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC16 AD-DAC16_15 Datasheet
629Kb / 12P
   16-Bit High Speed Current-Output DAC
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD5758 AD-AD5758 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage Output DAC
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Maxim Integrated Produc...
MAX5018 MAXIM-MAX5018 Datasheet
142Kb / 12P
   8-Bit, High-Speed DAC
Rev 0; 3/97
logo
Analog Devices
ADFS5758 AD-ADFS5758 Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
logo
Maxim Integrated Produc...
MAX5548 MAXIM-MAX5548 Datasheet
296Kb / 15P
   Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com