Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6523 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6523
Description  High Performance Quad DVGA
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6523 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6523 Datasheet HTML 4Page - Texas Instruments LMH6523 Datasheet HTML 5Page - Texas Instruments LMH6523 Datasheet HTML 6Page - Texas Instruments LMH6523 Datasheet HTML 7Page - Texas Instruments LMH6523 Datasheet HTML 8Page - Texas Instruments LMH6523 Datasheet HTML 9Page - Texas Instruments LMH6523 Datasheet HTML 10Page - Texas Instruments LMH6523 Datasheet HTML 11Page - Texas Instruments LMH6523 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
4.50
4.75
5.00
5.25
5.50
36
40
44
48
52
SUPPLY VOLTAGE (V)
High Power Mode
Low Power Mode
SVA-30206555
100
200
300
400
500
32
36
40
44
48
52
56
FREQUENCY (MHz)
POUT = 4dBm / Tone
High Power Mode
Low Power Mode
SVA-30206556
0
2
4
6
8
10
12
28
32
36
40
44
48
52
OUTPUT POWER, EACH TONE (dBm)
SVA-30206561
0
100
200
300
400
500
600
30
35
40
45
50
55
LOAD RESISTANCE ( )
VOUT = 4VPPD
High Power Mode
Low Power Mode
SVA-30206565
1
10
100
1000
10000
FREQUENCY (MHz)
-10
-5
0
5
10
15
20
25
30
SVA-30206540
0
4
8
12
16
20
24
28
32
32
36
40
44
48
52
ATTENUATION (dB)
POUT = 4dBm / Tone
High Power Mode
Low Power Mode
SVA-30206553
LMH6523
SNOSC88 – DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS
(TA = 25°C, V+ = 5V, RL = 200Ω, Maximum Gain, High Power, f= 200MHz; LMH6523 soldered onto LMH6523EVAL
evaluation board, Unless Specified).
Frequency Response, 2dB Steps
OIP3 vs Attenuation
Figure 2.
Figure 3.
OIP3 vs Output Power
OIP3 vs Load Resistance
Figure 4.
Figure 5.
OIP3 vs Frequency
OIP3 vs Supply Voltage
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMH6523


Similar Part No. - LMH6523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6523 TI-LMH6523_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Quad DVGA
More results

Similar Description - LMH6523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6522 TI-LMH6522_15 Datasheet
1Mb / 34P
[Old version datasheet]   High Performance Quad DVGA
LMH6523 TI-LMH6523_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Quad DVGA
LMH6522 TI1-LMH6522 Datasheet
682Kb / 30P
[Old version datasheet]   High Performance Quad DVGA
LMH6521 TI1-LMH6521_14 Datasheet
1Mb / 28P
[Old version datasheet]   High Performance Dual DVGA
LMH6521 TI1-LMH6521 Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
LMH6521 TI-LMH6521_15 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
LMH6521 TI1-LMH6521_16 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339_08 Datasheet
293Kb / 5P
   High-Performance Quad Comparator
LA6339 SANYO-LA6339 Datasheet
88Kb / 4P
   High-Performance Quad Comparator
logo
PLX Technology
OX16C954B PLX-OX16C954B Datasheet
192Kb / 2P
   High Performance Quad UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com