Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8143 Datasheet(PDF) 4 Page - Analog Devices

Part # DAC8143
Description  12-Bit Serial Daisy-Chain CMOS D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8143 Datasheet(HTML) 4 Page - Analog Devices

  DAC8143 Datasheet HTML 1Page - Analog Devices DAC8143 Datasheet HTML 2Page - Analog Devices DAC8143 Datasheet HTML 3Page - Analog Devices DAC8143 Datasheet HTML 4Page - Analog Devices DAC8143 Datasheet HTML 5Page - Analog Devices DAC8143 Datasheet HTML 6Page - Analog Devices DAC8143 Datasheet HTML 7Page - Analog Devices DAC8143 Datasheet HTML 8Page - Analog Devices DAC8143 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DAC8143
–4–
REV. C
PIN CONNECTIONS
16-Lead Epoxy Plastic DIP
16-Lead SOIC
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IOUT1
RFB
DAC8143
IOUT2
VREF
AGND
VDD
STB1
CLR
LD1
DGND
SRO
STB4
SRI
STB3
STB2
LD2
ABSOLUTE MAXIMUM RATINGS
(TA = +25
°C, unless otherwise noted.)
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +17 V
VREF to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ± 25 V
VRFB to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±25 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . VDD + 0.3 V
DGND to AGND . . . . . . . . . . . . . . . . . . . . . . . . VDD + 0.3 V
Digital Input Voltage Range . . . . . . . . . . . . . . . –0.3 V to VDD
Output Voltage (Pin 1, Pin 2) . . . . . . . . . . . . . . –0.3 V to VDD
Operating Temperature Range
FP/FS Versions . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300
°C
Package Type
JA*
JC
Units
16-Lead Plastic DIP
76
33
°C/W
16-Lead SOIC
92
27
°C/W
*
θ
JA is specified for worst case mounting conditions, i.e.,
θ
JA is specified for
device in socket for P-DIP package;
θ
JA is specified for device soldered to
printed circuit board for SOIC package.
CAUTION
1. Do not apply voltage higher than VDD or less than DGND po-
tential on any terminal except VREF (Pin 15) and RFB (Pin 16).
2. The digital control inputs are Zener-protected; however,
permanent damage may occur on unprotected units from
high energy electrostatic fields. Keep units in conductive
foam at all times until ready to use.
3. Use proper antistatic handling procedures.
4. Absolute Maximum Ratings apply to packaged devices.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device.
ORDERING GUIDE
Gain
Temperature
Package
Package
Model
Nonlinearity
Error
Range
Descriptions
Options
DAC8143FP
±1 LSB
±2 LSB
–40
°C to +85°C
16-Lead Plastic DIP
N-16
DAC8143FS
±1 LSB
±2 LSB
–40
°C to +85°C
16-Lead SOIC
R-16W
Die Size: 99
× 107 mil, 10,543 sq. mils.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the DAC8143 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - DAC8143

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8143 AD-DAC8143 Datasheet
163Kb / 12P
   12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143 AD-DAC8143 Datasheet
163Kb / 12P
   12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
   12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
   12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143FP AD-DAC8143FP Datasheet
163Kb / 12P
   12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
More results

Similar Description - DAC8143

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
   12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
   12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143 AD-DAC8143_15 Datasheet
185Kb / 12P
   12-Bit Serial Daisy-Chain CMOS D/A Converter
logo
Maxwell Technologies
8143 MAXWELL-8143 Datasheet
786Kb / 24P
   12-Bit Serial Daisy Chain D/A Converter
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2 Datasheet
87Kb / 14P
   CMOS Serial 10-Bit A/D Converter
July 1998
CDP68HC68A2 INTERSIL-CDP68HC68A2_02 Datasheet
655Kb / 15P
   CMOS Serial 10-Bit A/D Converter
logo
Maxim Integrated Produc...
MX7541 MAXIM-MX7541 Datasheet
179Kb / 4P
   CMOS 12 Bit Multiplying D/A Converter
19-0940; Rev 1; 7/95
MX7541A MAXIM-MX7541A Datasheet
317Kb / 8P
   CMOS 12 Bit Multiplying D/A Converter
19-0941; Rev 2; 7/95
logo
Analog Devices
DAC8043A AD-DAC8043A Datasheet
137Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
REV. 0
DAC8043A AD-DAC8043A_15 Datasheet
700Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com