Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD5S116 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD5S116
Description  HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD5S116 Datasheet(HTML) 5 Page - Texas Instruments

  TPD5S116 Datasheet HTML 1Page - Texas Instruments TPD5S116 Datasheet HTML 2Page - Texas Instruments TPD5S116 Datasheet HTML 3Page - Texas Instruments TPD5S116 Datasheet HTML 4Page - Texas Instruments TPD5S116 Datasheet HTML 5Page - Texas Instruments TPD5S116 Datasheet HTML 6Page - Texas Instruments TPD5S116 Datasheet HTML 7Page - Texas Instruments TPD5S116 Datasheet HTML 8Page - Texas Instruments TPD5S116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPD5S116
www.ti.com
SLVSBP3 – DECEMBER 2012
TERMINAL FUNCTIONS
PIN
PIN
YFF
DESCRIPTION
NAME
TYPE
HDMI system side: Hot plug detect Output referenced to VCCA. Connect to
HPD_SYS
E1
Output
HDMI controller Hot plug detect input pin
HDMI connector side: Hot plug detect Input. Connect directly to HDMI
HPD_CON
E3
Input
Connector Hot Plug Detect pin
HDMI system side CEC signal pin referenced to VCCA. Connect to HDMI
CEC_SYS
A1
IO Port
controller.
HDMI connector side CEC signal pin referenced to internal 3.3V supply.
CEC_CON
A3
IO Port
Connect to HDMI connector CEC pin.
HDMI system side SCL signal pin referenced to VCCA. Connect to HDMI
SCL_SYS
B1
IO Port
controller.
HDMI connector side SCL signal pin referenced to 5V_CON supply. Connect
SCL_CON
B3
IO Port
to HDMI connector SCL pin.
HDMI system side SDA signal pin referenced to VCCA. Connect to HDMI
SDA_SYS
C1
IO Port
controller.
HDMI connector side SDA signal pin referenced to 5V_CON supply.
SDA_CON
C3
IO Port
Connect to HDMI connector SDA pin.
Disables the load switch and HPD when EN =L. The EN pin is referenced to
EN
C2
Control Input
VCCA
UTI_CON
E2
IO Port
Protects the HDMI connector's utility pin
5V_SYS
D1
Input Power
System side PCB 5V supply; input of load switch
Internal PCB Low Voltage Supply (Same as the HDMI Controller Chip
VCCA
A2
Input Supply
Supply)
5V_CON
D3
Output Power
HDMI connector side external 5V Supply; output of load switch
GND
B2, D2
Ground
Connect to System Ground Plane
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VCCA
Supply voltage range
–0.3
6.0
V
5V_SYS
Supply voltage range
–0.3
6.0
V
VI
SCL_SYS, SDA_SYS, CEC_SYS,
–0.3
6.0
EN
Input voltage range(2)
V
SCL_CON, SDA_CON, CEC_CON,
–0.3
6.0
HPD_CON
VO
SCL_SYS, SDA_SYS, CEC_SYS,
–0.3
6.0
HPD_SYS
Voltage range applied to any output in the high-
V
impedance or power-off state(2)(3)
SCL_CON, SDA_CON, CEC_CON,
–0.3
6.0
HPD_CON
VO
SCL_SYS, SDA_SYS,
VCCA +
–0.3
CEC_SYS,HPD_SYS
0.5
Voltage range applied to any output in the high or low
V
state(2)(3)
5V_SYS
SCL_CON, SDA_CON, CEC_CON
–0.3
+ 0.5
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
Continuous current through 5V_SYS, or GND
±100
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD5S116


Similar Part No. - TPD5S116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD5S115YFFR TI-TPD5S115YFFR Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
More results

Similar Description - TPD5S116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
logo
Fairchild Semiconductor
FSTUD16211 FAIRCHILD-FSTUD16211_06 Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
logo
NXP Semiconductors
IP4776CZ38 PHILIPS-IP4776CZ38 Datasheet
104Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 02-18 September 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com