Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS50601-SP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS50601-SP
Description  1.6-V TO 6.3-V INPUT, 3-A/6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS50601-SP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS50601-SP Datasheet HTML 3Page - Texas Instruments TPS50601-SP Datasheet HTML 4Page - Texas Instruments TPS50601-SP Datasheet HTML 5Page - Texas Instruments TPS50601-SP Datasheet HTML 6Page - Texas Instruments TPS50601-SP Datasheet HTML 7Page - Texas Instruments TPS50601-SP Datasheet HTML 8Page - Texas Instruments TPS50601-SP Datasheet HTML 9Page - Texas Instruments TPS50601-SP Datasheet HTML 10Page - Texas Instruments TPS50601-SP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TPS50301-HT
TPS50601-SP
www.ti.com
SLVSA94D – DECEMBER 2012 – REVISED JANUARY 2013
TPS50601 ELECTRICAL CHARACTERISTICS (continued)
TJ = –55°C to 125°C, VIN = 3 V to 6.3 V, PVIN = 1.6 V to 6.3 V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
Thermal shutdown
175
°C
Thermal shutdown hysteresis
10
°C
INTERNAL SWITCHING FREQUENCY
Internally set frequency
RT = Open
395
500
585
kHz
RT = 100 k
Ω (1%)
480
Externally set frequency
RT = 485 k
Ω (1%)
100
kHz
RT = 47 k
Ω (1%)
1000
EXTERNAL SYNCHRONIZATION
SYNC out low-to-high rise time (10%/90%)
Cload = 25 pF
25
111
ns
SYNC out high-to-low fall time (90%/10%)
Cload = 25 pF
3
15
ns
Falling edge delay time(3)
180
°
SYNC out high level threshold
IOH = 50 µA
2
V
SYNC out low level threshold
IOL = 50 µA
600
mV
SYNC in low level threshold
800
mV
SYNC in high level threshold
1.85
V
% of program frequency
-5
5
%
SYNC in frequency range
100
1000
kHz
PH (PH PIN)
Measured at 90% to 90% of VIN,
94
Minimum on time
175
ns
25°C, IPH = 2A
Minimum off time
BOOT-PH
≥ 3 V
500
ns
BOOT (BOOT PIN)
BOOT-PH UVLO
2.2
3
V
SLOW START AND TRACKING (SS/TR PIN)
SS charge current
2.5
μA
SS/TR to VSENSE matching
V(SS/TR) = 0.4 V
30
90
mV
POWER GOOD (PWRGD PIN)
VSENSE falling (Fault)
91
% Vref
VSENSE rising (Good)
94
% Vref
VSENSE threshold
VSENSE rising (Fault)
109
% Vref
VSENSE falling (Good)
106
% Vref
Output high leakage
VSENSE = Vref, V(PWRGD) = 5 V
30
181
nA
Output low
I(PWRGD) = 2 mA
0.3
V
Minimum VIN for valid output
V(PWRGD) < 0.5V at 100
μA
0.6
1
V
Minimum SS/TR voltage for PWRGD
1.4
V
(3)
Bench verified. Not tested in production.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS50301-HT TPS50601-SP


Similar Part No. - TPS50601-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS50601-SP TI-TPS50601-SP Datasheet
1Mb / 45P
[Old version datasheet]   TPS50x01-xx 1.6- to 6.3-V Input, 3-A/6-A Synchronous Step-Down SWIFT??Converter
TPS50601-SP TI1-TPS50601-SP Datasheet
1Mb / 40P
[Old version datasheet]   6-A Synchronous Buck Converter
More results

Similar Description - TPS50601-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50601VTDC1 TI-TPS50601VTDC1 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50301-HT TI-TPS50301-HT_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS50x01-xx 1.6- to 6.3-V Input, 3-A/6-A Synchronous Step-Down SWIFT??Converter
TPS50601-DIE TI-TPS50601-DIE_15 Datasheet
184Kb / 7P
[Old version datasheet]   TPS50601-DIE 1.6-V TO 6.3-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54317 TI-TPS54317_15 Datasheet
812Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
TPS54317 TI-TPS54317 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS50301-HT TI1-TPS50301-HT_16 Datasheet
1Mb / 41P
[Old version datasheet]   Input, 3-A/6-A Synchronous Step-Down SWIFT Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI1-TPS54519 Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com