Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA5807PZP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # VCA5807PZP
Description  Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA5807PZP Datasheet(HTML) 4 Page - Texas Instruments

  VCA5807PZP Datasheet HTML 1Page - Texas Instruments VCA5807PZP Datasheet HTML 2Page - Texas Instruments VCA5807PZP Datasheet HTML 3Page - Texas Instruments VCA5807PZP Datasheet HTML 4Page - Texas Instruments VCA5807PZP Datasheet HTML 5Page - Texas Instruments VCA5807PZP Datasheet HTML 6Page - Texas Instruments VCA5807PZP Datasheet HTML 7Page - Texas Instruments VCA5807PZP Datasheet HTML 8Page - Texas Instruments VCA5807PZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
VCA5807
SLOS727 – DECEMBER 2012
www.ti.com
PINOUT INFORMATION
TQFP PACKAGE
(TOP VIEW)
PIN FUNCTIONS
PIN
DESCRIPTION
NO.
NAME
2, 5, 8, 11, 14,
ACT1...ACT8
Active termination input pins for CH1~8.1
μF capacitors are recommended.
17, 20, 23
27, 28, 29, 43,
AVDD
3.3V Analog supply for LNA, VCAT, PGA, LPF and CWD blocks.
78, 88, 96, 97,
98, 100
50
AVDD_5V
5V Analog supply for LNA, VCAT, PGA, LPF and CWD blocks.
26, 31, 32, 37,
42, 44, 58, 63,
AVSS
Analog ground.
68, 79, 82. 89,
92, 95, 99
Negative input of differential CW 16X clock. Tie to GND when the CMOS clock mode is enabled. In the
4X, 8X, and 32X CW clock modes, this pin becomes the 4X, 8X, or 32X CLKM input. In the 1X CW
93
CLKM_16X
clock mode, this pin becomes the quadrature-phase 1X CLKM for the CW mixer. Can be floated if CW
mode is not used. Please see CW Clock Selection.
Positive input of differential CW 16X clock. In 4X, 8X, and 32X clock modes, this pin becomes the 4X,
94
CLKP_16X
8X, or 32X CLKP input. In the 1X CW clock mode, this pin becomes the quadrature-phase 1X CLKP
for the CW mixer. Can be floated if CW mode is not used. Please see CW Clock Selection.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: VCA5807


Similar Part No. - VCA5807PZP

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
VCA SENSATA-VCA Datasheet
542Kb / 5P
   Complete VCA and Driver Kit for Custom Actuation System
logo
List of Unclassifed Man...
VCA-7010 ETC-VCA-7010 Datasheet
273Kb / 1P
   Video Equalizing Amplifier with Clipping and Clamping
logo
Vectron International, ...
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
logo
IXYS Corporation
VCA105 IXYS-VCA105 Datasheet
61Kb / 2P
   Thyristor Modules
VCA105-08IO7 IXYS-VCA105-08IO7 Datasheet
61Kb / 2P
   Thyristor Modules
More results

Similar Description - VCA5807PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5812 TI-AFE5812_15 Datasheet
2Mb / 109P
[Old version datasheet]   AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
[Old version datasheet]   65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
AFE5809 TI1-AFE5809_14 Datasheet
1Mb / 100P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com