Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA5807PZP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # VCA5807PZP
Description  Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA5807PZP Datasheet(HTML) 8 Page - Texas Instruments

Back Button VCA5807PZP Datasheet HTML 4Page - Texas Instruments VCA5807PZP Datasheet HTML 5Page - Texas Instruments VCA5807PZP Datasheet HTML 6Page - Texas Instruments VCA5807PZP Datasheet HTML 7Page - Texas Instruments VCA5807PZP Datasheet HTML 8Page - Texas Instruments VCA5807PZP Datasheet HTML 9Page - Texas Instruments VCA5807PZP Datasheet HTML 10Page - Texas Instruments VCA5807PZP Datasheet HTML 11Page - Texas Instruments VCA5807PZP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
VCA5807
SLOS727 – DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
AVDD_5V = 5V, AVDD = 3.3V, AC-coupled with 0.1µF at INP and bypassed to ground with 15nF at INM, No active
termination, VCNTL= 0V, fIN= 5MHz, LNA = 18dB, PGA = 24dB, LPF Filter = 15MHz, low noise mode, VOUT= –1dBFS (1.8VPP),
single-ended VCNTL mode, VCNTLM = GND, 2 k
Ω load (ADC Rin), internal 500Ω CW feedback resistor, CMOS CW clocks,
at ambient temperature TA = 25°C, unless otherwise noted. Min and max values are specified across full-temperature range
with AVDD_5V=5V, AVDD=3.3V
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
CW DOPPLER
1 channel mixer, LNA = 24dB, 500
Ω feedback resistor
0.8
en (RTI)
Input voltage noise (CW)
nV/rtHz
8 channel mixer, LNA = 24dB, 62.5
Ω feedback resistor
0.33
1 channel mixer, LNA = 24dB, 500
Ω feedback resistor
12
en (RTO)
Output voltage noise (CW)
nV/rtHz
8 channel mixer, LNA = 24dB, 62.5
Ω feedback resistor
5
1 channel mixer, LNA = 18dB, 500
Ω feedback resistor
1.1
en (RTI)
Input voltage noise (CW)
nV/rtHz
8 channel mixer, LNA = 18dB, 62.5
Ω feedback resistor
0.5
1 channel mixer, LNA = 18dB, 500
Ω feedback resistor
8.1
en (RTO)
Output voltage noise (CW)
nV/rtHz
8 channel mixer, LNA = 18dB, 62.5
Ω feedback resistor
4.0
RS = 100Ω, RIN = High Z, FIN = 2MHz (LNA, I/Q mixer and summing
NF
Noise figure
1.8
dB
amplifier/filter)
fCW
CW Operation Range
(2)
CW signal carrier frequency, 16X mode / 32X mode
8/4
MHz
1X CLK (16X mode)
8
16X CLK(16X mode)
128
CW Clock frequency
MHz
4X CLK(4X mode)
32
32X CLK(32X mode)
128
AC coupled LVDS clock amplitude
0.7
CLKM_16X-CLKP_16X; CLKM_1X-CLKP_1X
VPP
AC coupled LVPECL clock amplitude
1.6
CLK duty cycle
1X and 16X CLKs
35
65
%
Common-mode voltage
Internal provided
2.5
V
VCMOS
CMOS Input clock amplitude
4
5
V
CW Mixer conversion loss
4
dB
CW Mixer phase noise
1kHz off 2MHz carrier
-156
dBc/Hz
DR
Input dynamic range
FIN = 2MHz, LNA=24/18/12dB
160/164/165
dBFS/Hz
f1 = 5 MHz, f2 = 5.01 MHz, both tones at -8.5dBm amplitude, 8 channels
–50
dBc
summed up in-phase, CW feedback resistor = 87
Ω
IMD3
Intermodulation distortion
f1 = 5 MHz, F2= 5.01 MHz, both tones at –8.5dBm amplitude, Single
–60
dBc
channel case, CW feed back resistor = 500
Ω
I/Q Channel gain matching
16X mode
±0.04
dB
I/Q Channel phase matching
16X mode
±0.1
Degree
I/Q Channel gain matching
4X mode
±0.04
dB
I/Q Channel phase matching
4X mode
±0.1
Degree
Image rejection ratio
fin = 2.01MHz, 300mV input amplitude, CW clock frequency = 2.00MHz
–50
dBc
(2)
The maximum clock frequency for the 16X and 32X CLK is 128MHz. Hence, the CW operation range is limited to 8MHz in the 16X CW
mode. In the 8X, 4X, and 1X modes, higher CW signal frequencies up to 15 MHz can be supported with small degradation in
performance, please see CW Clock Selection.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: VCA5807


Similar Part No. - VCA5807PZP

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
VCA SENSATA-VCA Datasheet
542Kb / 5P
   Complete VCA and Driver Kit for Custom Actuation System
logo
List of Unclassifed Man...
VCA-7010 ETC-VCA-7010 Datasheet
273Kb / 1P
   Video Equalizing Amplifier with Clipping and Clamping
logo
Vectron International, ...
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
logo
IXYS Corporation
VCA105 IXYS-VCA105 Datasheet
61Kb / 2P
   Thyristor Modules
VCA105-08IO7 IXYS-VCA105-08IO7 Datasheet
61Kb / 2P
   Thyristor Modules
More results

Similar Description - VCA5807PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5812 TI-AFE5812_15 Datasheet
2Mb / 109P
[Old version datasheet]   AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
[Old version datasheet]   65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
AFE5809 TI1-AFE5809_14 Datasheet
1Mb / 100P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com