Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUDI-5000S-1A Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # BUDI-5000S-1A
Description  50 AMP BUTTON DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

BUDI-5000S-1A Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  BUDI-5000S-1A Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ratings at 25 °C ambient temperature unless otherwise specified.
DataSheetNo.BUDI-5000S-1A
50 AMP BUTTONDIODES
K13
M
A
F
D
B
Color Ring
Denotes Cathode
Tel.: (310) 767-1052 Fax: (310) 767-7958
DIOTECELECTRONICSCORP
Gardena, CA 90248 U.S.A
18020 Hobart Blvd., Unit B
Non-repetitive Peak Reverse Voltage (Half wave, single phase,
60 Hz peak)
Average Forward Rectified Current @ T =125 C
C
o
IO
50
Peak Forward Surge Current (8.3mS single half sine wave
superimposed on rated load)
IFSM
600
VRSM
60
120
240
480
1200
720
960
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
VRWM
VDC
VRRM
BAR
BAR
BAR BAR BAR BAR BAR
50
100
200
400
1000
600
800
5000S 5001S 5002S 5004S 5006S 5008S 5010S
Maximum Forward Voltage Drop at 50 Amp DC
VFM
1.1 (Typical 1.05)
Maximum Thermal Resistance, Junction to Case (Note 1)
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
IRM
RGJC
°C/W
mA
@ T = 25 C
A
o
@ T = 100 C
A
o
1
50
0.8
Junction Operating and Storage Temperature Range
TJ ,TSTG
°C
-65 to +175
*)4#I
1.15
Notes: 1) Single Side Cooled
DieSize:
0.180"x0.180"
Square
RoHSCO
MPLIANT
Features
Case:M
Finish: AllMetalSurfaces AreSilverPlated
SolderingTemperature:250 Cmaximum
MountingPosition: Any
Polarity:Colorbanddenotescathode
Weight:0.6Ounces(1.8Grams)
o
oldedEpoxy(UL FlammabilityRating94V-O)
MechanicalData
Inches
Millimeters
Min
5.94
4.19
5.46
8.43
Dim
A
B
D
M
F
5° NOM
Max
Max
6.25
5.71
4.45
8.69
0.165
Min
0.332
0.234
0.215
0.342
0.246
0.225
5° NOM
0.175
MechanicalSpecification
MaximumRatings&ElectricalCharacteristics
Parameter (Test Conditions)
Symbol
Ratings
Units
Amps
Volts
Volts
VoidFreeVacuumDieSolderingForMaximum
MechanicalStrengthandHeatDissipation
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
BiggestEffectiveDie Areaforthe50 AmpClassof
ButtonDiodes
HighTemperatureSolder(Solidus287 C,Liquidus296 C)
to AllowHigherOperating And AssemblyTemperatures
CopperHeaders AreSilverPlatedForEasySoldering
AndSuperiorSolderJoints
O
O


Similar Part No. - BUDI-5000S-1A

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
BUDI-5000-1A DEC-BUDI-5000-1A Datasheet
64Kb / 1P
   50 AMP BUTTON DIODES
BUDI-5000D-1A DEC-BUDI-5000D-1A Datasheet
59Kb / 1P
   50 AMP JUMBO DIODE CELL
More results

Similar Description - BUDI-5000S-1A

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
BAR5000 DEC-BAR5000 Datasheet
243Kb / 1P
   50 AMP BUTTON DIODES
BUDI-5000-1A DEC-BUDI-5000-1A Datasheet
64Kb / 1P
   50 AMP BUTTON DIODES
BAR5000S DEC-BAR5000S Datasheet
246Kb / 1P
   50 AMP BUTTON DIODES
SRP5000S DEC-SRP5000S Datasheet
218Kb / 1P
   50 AMP HIGH FREQUENCY SOFT RECOVERY BUTTON DIODES
BAR7500S DEC-BAR7500S Datasheet
248Kb / 1P
   75 AMP BUTTON DIODES
BUDI-3500S-1A DEC-BUDI-3500S-1A Datasheet
64Kb / 1P
   35 AMP BUTTON DIODES
BUDI-7500S-1A DEC-BUDI-7500S-1A Datasheet
65Kb / 1P
   75 AMP BUTTON DIODES
BAR6000S DEC-BAR6000S Datasheet
233Kb / 1P
   60 AMP BUTTON DIODES
BAR7500 DEC-BAR7500 Datasheet
247Kb / 1P
   75 AMP BUTTON DIODES
BAR6000 DEC-BAR6000 Datasheet
244Kb / 1P
   60 AMP BUTTON DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com