Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-217-4 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # MS-217-4
Description  Form C Reed Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MS-217-4 Datasheet(HTML) 1 Page - DB Lectro Inc

  MS-217-4 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PIC GmbH
• Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax +49 911 99 59 06-99
info@pic-gmbh.com
• www.pic-gmbh.com
MS-217-4
Form C Reed Sensor
ms2174_e
© PIC GmbH, Nürnberg (GERMANY)
Rev. 1.1, 08.11.2007, (014)
Page 1 of 1
Pb
Lead free
Electrical Characteristics
Contact form
C
Contact rating max.
W / VA
5
Switching current max.
A
0.25
Carry current max.
A
1.5
VDC
175
Switching voltage max.
VAC
120
Breakdown voltage min.
VDC
200
Contact resistance (initial) max.
m
100
Insulation resistance min.
10
9
Capacitance typ.
pF
1.0
Magnetical Characteristics
Pull in range available
1
AT
10-30
1 AT range stated for unmodified Reed Switch
Operating Characteristics
Operate time (incl. bounce) max.
ms
0.7
Release time max.
ms
1.0
Switching frequency max.
Hz
100
Resonant frequency typ.
Hz
1,100
Vibration (50-2000 Hz)
g
30
Shock (1/2 sin 11 ms)
g
50
Operating temperature
°C
-20 to +85
Dimensions
in mm
40.1 ±0.3
500
Ø 6.0 ±0.1
Wire: AWG 24, stripped and tinned
Ordering Information
Series
AT Range
MS-217-4
1 = 10-15 / 2 = 15-20 / 3 = 20-25 / 4 = 25-30
Ordering example: MS-217-4-2 describes MS-217-4 with 15-20 AT
Customized types available.
COM black
NC
brown
NO
red


Similar Part No. - MS-217-4

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
MS-217-4 PIC-MS-217-4 Datasheet
47Kb / 1P
   Form C Reed Sensor
MS-217-4-1 PIC-MS-217-4-1 Datasheet
47Kb / 1P
   Form C Reed Sensor
MS-217-4-2 PIC-MS-217-4-2 Datasheet
47Kb / 1P
   Form C Reed Sensor
MS-217-4-3 PIC-MS-217-4-3 Datasheet
47Kb / 1P
   Form C Reed Sensor
MS-217-4-4 PIC-MS-217-4-4 Datasheet
47Kb / 1P
   Form C Reed Sensor
More results

Similar Description - MS-217-4

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MS-216-4 DBLECTRO-MS-216-4 Datasheet
47Kb / 1P
   Form C Reed Sensor
logo
PIC GmbH
MS-215-4 PIC-MS-215-4 Datasheet
233Kb / 2P
   Form C Reed Sensor
MS-217-4 PIC-MS-217-4 Datasheet
47Kb / 1P
   Form C Reed Sensor
MS-216-4 PIC-MS-216-4 Datasheet
47Kb / 1P
   Form C Reed Sensor
MS-324-4 PIC-MS-324-4 Datasheet
57Kb / 2P
   Form C Reed Sensor - Flatpack
MS-328-4 PIC-MS-328-4 Datasheet
54Kb / 2P
   Form C Reed Sensor - Flatpack
MS-328-4 PIC-MS-328-4_15 Datasheet
135Kb / 2P
   Form C Reed Sensor Flatpack
MS-228-4 PIC-MS-228-4 Datasheet
52Kb / 2P
   Form C Reed Sensor - M8 thread
logo
DB Lectro Inc
MS-324-4 DBLECTRO-MS-324-4 Datasheet
57Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
MS-328-4 DBLECTRO-MS-328-4 Datasheet
54Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com