Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSDG-800-2B Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # FSDG-800-2B
Description  8 AMP FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

FSDG-800-2B Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  FSDG-800-2B Datasheet HTML 1Page - DIOTEC Electronics Corporation FSDG-800-2B Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING & CHARACTERISTIC CURVES FOR SERIES RGP800 - RGP806
Data Sheet No. FSDG-800-2B
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
Number of Cycles at 60 Hz
8 AMP FAST RECOVERY DIODES
H38
FIGURE 3. TYPICAL FORWARD CHARACTERISTICS
Instantaneous Forward Voltage (Volts)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.0
0.1
10
100
0.01
FIGURE 5. TYPICAL JUNCTION CAPACITANCE
Reverse Voltage, (Volts)
FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
Percent of Rated Peak Reverse Voltage
FIGURE 1. FORWARD CURRENT DERATING CURVE
Temperature, C
0
4
8
12
0
50
100
150
Resistive and Inductive Loads
NOTES
(1) JEDEC Method, 8.3 mSec. Single Half Sine Wave, T = 150 C
(2) T = 25 C, Pulse Width = 300 Sec, 2.0% Duty Cycle
(3) T = 25 C, f = 1 MHz
NOTE 2
NOTE 1
NOTE 3


Similar Part No. - FSDG-800-2B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD Datasheet
252Kb / 2P
   Capacity: 128MB to 32GB
logo
Schurter Inc.
FSD SCHURTER-FSD Datasheet
83Kb / 1P
   Non resettable fuses
logo
Heyco.
FSD HEYCO-FSD Datasheet
132Kb / 1P
   Break-Away Bumpers
logo
MultiDimension Technolo...
FSD-TMR1005 MULTIDIMENSION-FSD-TMR1005 Datasheet
415Kb / 4P
   Rotational Speed Sensor
Nov-19
FSD-TMR1006 MULTIDIMENSION-FSD-TMR1006 Datasheet
418Kb / 4P
   Temperature Detection Rotational Speed Sensor
Nov-19
More results

Similar Description - FSDG-800-2B

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RGP800 DEC-RGP800 Datasheet
350Kb / 2P
   8 AMP FAST RECOVERY RECTIFIERS
BSBUS-800-1A DEC-BSBUS-800-1A Datasheet
92Kb / 1P
   8 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
08SBUS DEC-08SBUS Datasheet
92Kb / 1P
   8 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
logo
Bytes
FR151 BYTES-FR151 Datasheet
152Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
logo
Surge Components
FR101 SURGE-FR101 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
IN4942 JGD-IN4942 Datasheet
135Kb / 2P
   1.0 AMP. FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_10 Datasheet
569Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
FR101S TSC-FR101S_10 Datasheet
540Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Yangzhou yangjie electr...
FR151 YANGJIE-FR151 Datasheet
458Kb / 1P
   1.5 AMP. FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR101 UNIOHM-FR101 Datasheet
66Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com