Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7472CB Datasheet(PDF) 2 Page - Analog Devices

Part # EVAL-AD7472CB
Description  Evaluation Board for 12-bit high speed, low power, successive-approximation ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7472CB Datasheet(HTML) 2 Page - Analog Devices

  EVAL-AD7472CB Datasheet HTML 1Page - Analog Devices EVAL-AD7472CB Datasheet HTML 2Page - Analog Devices EVAL-AD7472CB Datasheet HTML 3Page - Analog Devices EVAL-AD7472CB Datasheet HTML 4Page - Analog Devices EVAL-AD7472CB Datasheet HTML 5Page - Analog Devices EVAL-AD7472CB Datasheet HTML 6Page - Analog Devices EVAL-AD7472CB Datasheet HTML 7Page - Analog Devices EVAL-AD7472CB Datasheet HTML 8Page - Analog Devices EVAL-AD7472CB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EVAL-AD7472CB
–2–
REV. A
Analog Input Section
The analog input section of this evaluation board accommodates unipolar and bipolar signals. Unipolar signals within the
AD7472 analog input signal range of 0 V - 2.5 V are connected via SK5. They are then buffered by the on-board buffer before
being applied to the VIN pin of the AD7472. Bipolar signals are connected via SK3 and are biased up by the on-board bias-
up buffer circuit before being applied to the VIN pin of the AD7472. The input impedence of the bias-up circuit is 50W which
is determined by the value of R7. The input impedence may be modified by removing/changing the value of R7. To obtain
optimum performance from this evaluation board the use of an impedence matched,
passive filter is recommended before the
analog signal is applied to the evaluation board.
For example, when using a 100KHz input tone, a 100KHz 50W filter from
TTE (part number KC5-100K-15K-50/50-720B) is suitable.
R8 Potentiometer (50Kohm)
This variable resistor is used to trim the DC bias voltage applied to the optional analog input bias-up circuit. This bias voltage
is factory preset to 1.25 V which biases a bipolar signal to swing around the midpoint of the analog input range (0 - 2.5 V).
If any adjustment is required, the user can use the histogram window in the eval-board software to analyze the DC voltage
variation while adjusting the trim pot. To view this properly, an analog input signal should not be applied to the board. Under
normal operation this pot should not be adjusted as it is preset for optimum performance.
LINK AND SWITCH OPTIONS
There are 11 link options which must be set for the required operating setup before using the evaluation board. The functions
of these options are outlined below.
Link No.
Function.
LK1
This link is used to select the DC bias voltage to be applied to the optional Vin bias-up circuit.
If the user is using the bias-up circuit, this link must be inserted which will apply the 2.7 V reference voltage
to the bias-up circuit. This causes a bipolar signal (applied to the bipolar vin input socket) to be biased up
around +1.25 V before it is applied to the AD7472 VIN pin. - see also LK10 (below)
If the bias up circuit is not being used this link should be removed.
LK2
This link must be in position "A" if external power supplies are being used. In this position the control logic
is being powered by the voltage applied to the VDD input.
When power is being supplied from the EVAL-CONTROL BOARD, this link can be moved to position "B"
if the user wants to drive the control logic from a separate +5 V which is generated on the EVAL-CONTROL
BOARD.
LK3
This link option selects the source of the CLKIN input.
When this link is in position "A" the CLKIN input is provided by the
EVAL-CONTROL BOARD.
When this link is in position "B" the CLKIN input is provided via the on-board 25MHz oscillator.
When this link is in position "C", an external CLKIN signal must be provided via SK1.
When using the on-board generated burst clock, this link must be in position "D".
LK4
This link option selects the source of the
CONVST input.
When this link is in position "A" the
CONVST input is provided by the EVAL-CONTROL BOARD.
When this link is in position "B" the
CONVST input is provided via the external socket, SK2.
LK5
This link option selects the source of the
RD input.
When this link is in position "A" the
RD input is provided by the EVAL-CONTROL BOARD.
When this link is in position "B" the
RD input is tied to GND. This option must be selected while using the
High Speed Converter Interface Board.
LK6
This link option selects the source of the
CS input.
When this link is in position "A" the
CS input is provided by the EVAL-CONTROL BOARD.
When this link is in position "B" the
CS input is tied to GND. This option must be selected while using the
High Speed Converter Interface Board.
LK7
This link option sets the voltage applied to the VDRIVE pin on the AD7472.
When this link is in position "A", VDRIVE is connected directly to the DVDD pin.
When this link is in position "B", an external voltage must be applied to the VDRIVE pin Via J3.
LK8
This link selects the source of the VDD supply.
When this link is in position "A" VDD must be supplied from an external source via J2.
When this link is in position "B" VDD is supplied from the EVAL-CONTROL BOARD.
LK9
This link selects the source of the VSS supply.
When this link is in position "A"
VSS must be supplied from an external source via J2.
When this link is in position "B"
VSS is supplied from the EVAL-CONTROL BOARD.
LK10
This link must be
in position "A" if a bipolar AIN signal is being applied to the bipolar Vin socket, SK3.
This link must be in position "B" if a unipolar AIN signal is being applied to the unipolar Vin socket, SK5
Continued on next page


Similar Part No. - EVAL-AD7472CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7472CB AD-EVAL-AD7472CB Datasheet
197Kb / 16P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. A
EVAL-AD7472CB AD-EVAL-AD7472CB Datasheet
711Kb / 20P
   Evaluation Board for 10-/12-Bit High Speed, Low Power ADCs
REV. C
EVAL-AD7472CB AD-EVAL-AD7472CB Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
EVAL-AD7472CB2 AD-EVAL-AD7472CB2 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
More results

Similar Description - EVAL-AD7472CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7492 AD-AD7492 Datasheet
722Kb / 14P
   Evaluation Board for 12-bit high speed, low power, successive-approximation ADC
REV. A
EVAL-AD7470CB AD-EVAL-AD7470CB Datasheet
722Kb / 14P
   Evaluation Board for 10-bit high speed, low power, successive-approximation ADC
REV. A
AD7582 AD-AD7582_17 Datasheet
2Mb / 13P
   CMOS 12-Bit Successive Approximation ADC
AD7582 AD-AD7582 Datasheet
811Kb / 12P
   CMOS 12-BIT SUCCESSIVE APPROXIMATION ADC
REV. B
AD7582KNZ AD-AD7582KNZ Datasheet
2Mb / 12P
   CMOS 12-Bit Successive Approximation ADC
REV. B
AD7578 AD-AD7578 Datasheet
750Kb / 12P
   CMOS 12-BIT SUCCESSIVE APPROXIMATION ADC
REV. B
logo
Fairchild Semiconductor
MM74C905 FAIRCHILD-MM74C905 Datasheet
89Kb / 8P
   12-Bit Successive Approximation Register
logo
Analog Devices
AD5200 AD-AD5200 Datasheet
631Kb / 6P
   12-Bit Successive Approximation High Acquisition A/D Converter
AD5210 AD-AD5210 Datasheet
7Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTERS
REV. A
AD5215 AD-AD5215_15 Datasheet
2Mb / 6P
   12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com