Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD766XCB Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-AD766XCB
Description  Evaluation Board AD766X/AD767X
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD766XCB Datasheet(HTML) 4 Page - Analog Devices

  EVAL-AD766XCB Datasheet HTML 1Page - Analog Devices EVAL-AD766XCB Datasheet HTML 2Page - Analog Devices EVAL-AD766XCB Datasheet HTML 3Page - Analog Devices EVAL-AD766XCB Datasheet HTML 4Page - Analog Devices EVAL-AD766XCB Datasheet HTML 5Page - Analog Devices EVAL-AD766XCB Datasheet HTML 6Page - Analog Devices EVAL-AD766XCB Datasheet HTML 7Page - Analog Devices EVAL-AD766XCB Datasheet HTML 8Page - Analog Devices EVAL-AD766XCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
REV. PrK
EVAL-AD766XCB/AD767XCB
–4–
PRELIMINARY TECHNICAL DATA
Table III. EVAL-AD766XCB/AD767XCB Test Points
Test Point
Available Signal
TP1
DGND Digital ground
TP2
DGND Digital ground
TP3
SIG+
ADC Analog input
TP4
AGND Analog ground close to SIG+
TP5
R E F
ADC Reference input
TP6
BUSY
ADC BUSY signal
TP7
RD
ADC
RD signal
TP8
CS
ADC
CS signal
TP9
AGND Analog ground close to REF
TP10
CNVST ADC CNVST signal
TP11
FSYNC
MCLK divided by 2
TP12
OVDD ADC digital output supply
TP13
DVDD ADC digital core supply
TP14
VANA1 ADC analog supply
TP15
AGND Analog ground close to SIG-
TP16
S I G -
ADC Analog input
Table IV. Component values Vs. Input ranges ( AD7660 )
Input range
R1
R3
R6
R7
± 10V
8k
1k
8k
10k
± 5V
8k
2k
6.67k
10k
0 to -5V
8k
8k
0
none
Table V. Component values Vs. Input ranges ( AD7664 )
Input range
R1
R3
R6
R7
± 10V
2k
250
8k
10k
± 5V
2k
500
6.67k
10k
0 to -5V
1k
1k
0
none
Jumper
Default position
Function
Designation with the control
board ( Factory
settings)
TABLE II. JUMPER DESCRIPTION
JP13
A, U3 side
Selection of IMPULSE. When the button of the switch is close to J4 connector
( not A position ), the ADC uses the IMPULSE mode which is the mode with the
lowest power dissipation. With the AD7660, JP13 is a spare switch.
JP14
A, U3 side
TEST1. For factory use only and it is pull down.
JP15
A, U3 side
TEST0. For factory use only and it is pull down.
JP16
A, U3 side
Selection of EXT/
INT ( use of external or internal serial clock ). When the button of
the switch is close to J4 connector ( not A position ) and when the serial reading
mode is selected, the data are read with an external serial clock SCLK generated from
the master clock MCLK otherwise the data are read with the ADC serial clock. When
external serial clock reading mode is selected, MCLK has to be fast enough to be able
the read the data properly as explained in the AD766X data sheet. JP16 has no use in
parallel reading mode.
JP17
A, U3 side
Selection of INVSYNC ( SYNC active level ). When the button of the switch is close
to J4 connector ( not A position ) and when the master serial reading mode is se
lected, the SYNC signal is active Low. JP17 has no use in parallel reading mode or
slave serial reading mode.
JP18
A, U3 side
Selection of INVSCLK ( SCLK active edge ). When the button of the switch is close
to J4 connector ( not A position ) and when the serial reading mode is selected,
INVSCLK is high. JP18 has no use in parallel reading mode.
JP19
not A
Selection of
CNVST signal. When JP19 is in position A, the signal on J3 is used
otherwise the on-board
CNVST generation is used. MCLK signal is used to generate
the on-board
CNVST signal.
JP20
not A
Selection of REF signal. When JP20 is in position A, the REF is buffered. When
JP20 is not in position A, the REF is not buffered.


Similar Part No. - EVAL-AD766XCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7660CB AD-EVAL-AD7660CB Datasheet
218Kb / 20P
   16-Bit, 100 kSPS CMOS ADC
REV. 0
EVAL-AD7661CB AD-EVAL-AD7661CB Datasheet
485Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
EVAL-AD7663CB1 AD-EVAL-AD7663CB1 Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
EVAL-AD7664CB AD-EVAL-AD7664CB Datasheet
392Kb / 19P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
EVAL-AD7665CB AD-EVAL-AD7665CB Datasheet
348Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
More results

Similar Description - EVAL-AD766XCB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com