Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ34Z653 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ34Z653
Description  SBS 1.1-Compliant Gas Gauge and Protection Enabled with Impedance Track with External Battery Heater Control and LCD Display
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ34Z653 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ34Z653 Datasheet HTML 3Page - Texas Instruments BQ34Z653 Datasheet HTML 4Page - Texas Instruments BQ34Z653 Datasheet HTML 5Page - Texas Instruments BQ34Z653 Datasheet HTML 6Page - Texas Instruments BQ34Z653 Datasheet HTML 7Page - Texas Instruments BQ34Z653 Datasheet HTML 8Page - Texas Instruments BQ34Z653 Datasheet HTML 9Page - Texas Instruments BQ34Z653 Datasheet HTML 10Page - Texas Instruments BQ34Z653 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
bq34z653
www.ti.com
SLUSB53 –JULY 2012
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature (unless otherwise noted) (1)
PIN
UNIT
BAT, VCC
–0.3 V to 34 V
PACK, PMS
–0.3 V to 34 V
VSS
Supply voltage range
VC(n) – VC(n+1); n = 1, 2, 3, 4
–0.3 V to 8.5 V
VC1, VC2, VC3, VC4
–0.3 V to 34 V
VC5
–0.3 V to 1 V
PFIN, SMBD, SMBC. LED1, LED2, LED3, LED4,
–0.3 V to 6 V
LED5, DISP
TS1, TS2, SAFE, VCELL+, PRES, ALERT
–0.3 V to V(REG25) + 0.3 V
VIN
Input voltage range
MRST, GSRN, GSRP, RBI
–0.3 V to V(REG25) + 0.3 V
ASRN, ASRP
–1 V to 1 V
DSG, CHG, GPOD
–0.3 V to 34 V
ZVCHG
–0.3 V to V(BAT)
VOUT
Output voltage range
TOUT, ALERT, REG33
–0.3 V to 6 V
RESET
–0.3 V to 7 V
REG25
–0.3 V to 2.75 V
Maximum combined sink current for input
PRES, PFIN, SMBD, SMBC, LED1, LED2, LED3,
ISS
50 mA
pins
LED4, LED5
TA
Operating free-air temperature range
–40°C to 85°C
TF
Functional temperature
–40°C to 100°C
Tstg
Storage temperature range
–65°C to 150°C
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted)
PIN
MIN
NOM
MAX
UNIT
VSS
Supply voltage
VCC, BAT
4.5
25
V
V(STARTUP)
Minimum startup voltage
VCC, BAT, PACK
5.5
V
VC(n) – VC(n+1); n = 1,2,3,4
0
5
V
VC1, VC2, VC3, VC4
0
VSUP
V
VIN
Input Voltage Range
VC5
0
0.5
V
ASRN, ASRP
–0.5
0.5
V
PACK, PMS
0
25
V
V(GPOD)
Output Voltage Range
GPOD
0
25
V
A(GPOD)
Drain Current(1)
GPOD
1
mA
C(REG25)
2.5-V LDO Capacitor
REG25
1
µF
C(REG33)
3.3-V LDO Capacitor
REG33
2.2
µF
C(VCELL+)
Cell Voltage Output Capacitor
VCELL+
0.1
µF
C(PACK)
PACK input block resistor(2)
PACK
1
kΩ
(1) Use an external resistor to limit the current to GPOD to 1 mA in high voltage application.
(2) Use an external resistor to limit the in-rush current PACK pin required.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq34z653


Similar Part No. - BQ34Z653

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z651 TI1-BQ34Z651 Datasheet
669Kb / 28P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track??and External Battery Heater Control
BQ34Z651 TI1-BQ34Z651 Datasheet
888Kb / 29P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge
BQ34Z651DBT TI1-BQ34Z651DBT Datasheet
888Kb / 29P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge
BQ34Z651DBTR TI1-BQ34Z651DBTR Datasheet
888Kb / 29P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge
BQ34Z651 TI1-BQ34Z651_15 Datasheet
888Kb / 29P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge
More results

Similar Description - BQ34Z653

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z651 TI1-BQ34Z651 Datasheet
669Kb / 28P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track??and External Battery Heater Control
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z75 TI-BQ20Z75 Datasheet
584Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com