Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2028 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2028
Description  4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2028 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ2028 Datasheet HTML 7Page - Texas Instruments BQ2028 Datasheet HTML 8Page - Texas Instruments BQ2028 Datasheet HTML 9Page - Texas Instruments BQ2028 Datasheet HTML 10Page - Texas Instruments BQ2028 Datasheet HTML 11Page - Texas Instruments BQ2028 Datasheet HTML 12Page - Texas Instruments BQ2028 Datasheet HTML 13Page - Texas Instruments BQ2028 Datasheet HTML 14Page - Texas Instruments BQ2028 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
BUFFER
Buffer3
Buffer2
Buffer1
Buffer0
128 x 32-bit EEPROM
Pages
0–7,
P[2:0]
Page_Reg
P[2:0]
bq2028
www.ti.com
SLUSB22B – OCTOBER 2012 – REVISED NOVEMBER 2012
EEPROM Access
The bq2028 provides 512 bytes of EEPROM non-volatile memory storage organized as 128 words x 32 bits. Due
to the address limitations of the HDQ interface protocol, the EEPROM is accessed in 8 pages, with 16 rows of 4
bytes each. For IC manufacturing and analog trim data, 16 bytes or 4 words are reserved in last page of data.
The access model terminology is listed below:
EEPROM
=
128x32-bit (512 bytes) non-volatile memory with paged access
BUFFER
=
32-bit long word in 4x8b volatile Buffer
C
=
2-bit byte Column index for Buffer: C[1:0]
Buffer[C]
=
8-bit access to BUFFER at index C. MSB is at byte indexed by C='11‘.
P
=
3-bit Page index for EEPROM: P[2:0] (8 pages/EEPROM)
PAGE[P]
=
16x32-bit rows (64 bytes) from EEPROM indexed by [P]
R
=
4-bit Row index for EEPROM: R[3:0] (16 rows/page)
ROW[P,R]
=
32-bit long word from EEPROM indexed by [P,R]
Pre-Fetch
=
Automatic copy of an ROW[P,R] to BUFFER before read/write operation
M
=
Mapping operations to access BUFFER and EEPROM: M[1:0]
Figure 11. Memory Map
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :bq2028


Similar Part No. - BQ2028

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022 TI-BQ2022 Datasheet
184Kb / 19P
[Old version datasheet]   1K-BIT SERLAL EPROM WITH SDQ INTERFACE
BQ2022 TI1-BQ2022 Datasheet
308Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
bq2022A TI1-bq2022A Datasheet
1Mb / 37P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
More results

Similar Description - BQ2028

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP107 TI-TMP107 Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
logo
Maxim Integrated Produc...
DS2433 MAXIM-DS2433 Datasheet
701Kb / 23P
   4Kb 1-Wire EEPROM
19-5581; 10/10
DS24B33_1203 MAXIM-DS24B33_1203 Datasheet
352Kb / 22P
   1-Wire 4Kb EEPROM
Rev 2; 3/12
DS24B33_1105 MAXIM-DS24B33_1105 Datasheet
289Kb / 22P
   1-Wire 4Kb EEPROM
Rev 1; 5/11
DS24B33_1205 MAXIM-DS24B33_1205 Datasheet
265Kb / 23P
   1-Wire 4Kb EEPROM
Rev 3; 5/12
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com