Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ34Z653DBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ34Z653DBT
Description  SBS 1.1-Compliant Gas Gauge and Protection Enabled with Impedance Track with External Battery Heater Control and LCD Display
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ34Z653DBT Datasheet(HTML) 2 Page - Texas Instruments

  BQ34Z653DBT Datasheet HTML 1Page - Texas Instruments BQ34Z653DBT Datasheet HTML 2Page - Texas Instruments BQ34Z653DBT Datasheet HTML 3Page - Texas Instruments BQ34Z653DBT Datasheet HTML 4Page - Texas Instruments BQ34Z653DBT Datasheet HTML 5Page - Texas Instruments BQ34Z653DBT Datasheet HTML 6Page - Texas Instruments BQ34Z653DBT Datasheet HTML 7Page - Texas Instruments BQ34Z653DBT Datasheet HTML 8Page - Texas Instruments BQ34Z653DBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
bq34z653
SLUSB53 –JULY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Table 1. AVAILABLE OPTIONS
PACKAGE(1)
TA
44-PIN TSSOP (DBT) Tube
44-PIN TSSOP (DBT) Tape and Reel
–40°C to 85°C
bq34z653DBT(2)
bq34z653DBTR(3)
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2) A single tube quantity is 40 units.
(3) A single reel quantity is 2000 units.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
THERMAL INFORMATION
bq34z653
THERMAL METRIC(1)
TSSOP
UNITS
44 PINS
θJA, High K
Junction-to-ambient thermal resistance(2)
60.9
θJC(top)
Junction-to-case(top) thermal resistance (3)
15.3
θJB
Junction-to-board thermal resistance (4)
30.2
°C/W
ψJT
Junction-to-top characterization parameter (5)
0.3
ψJB
Junction-to-board characterization parameter (6)
27.2
θJC(bottom)
Junction-to-case(bottom) thermal resistance (7)
n/a
(1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2) The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3) The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4) The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5) The junction-to-top characterization parameter, ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6) The junction-to-board characterization parameter, ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7) The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): bq34z653


Similar Part No. - BQ34Z653DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z651 TI1-BQ34Z651 Datasheet
669Kb / 28P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track??and External Battery Heater Control
BQ34Z651 TI1-BQ34Z651 Datasheet
888Kb / 29P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge
BQ34Z651DBT TI1-BQ34Z651DBT Datasheet
888Kb / 29P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge
BQ34Z651DBTR TI1-BQ34Z651DBTR Datasheet
888Kb / 29P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge
BQ34Z651 TI1-BQ34Z651_15 Datasheet
888Kb / 29P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge
More results

Similar Description - BQ34Z653DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z651 TI1-BQ34Z651 Datasheet
669Kb / 28P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track??and External Battery Heater Control
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z75 TI-BQ20Z75 Datasheet
584Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com