Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24095 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24095
Description  1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24095 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24095 Datasheet HTML 1Page - Texas Instruments BQ24095 Datasheet HTML 2Page - Texas Instruments BQ24095 Datasheet HTML 3Page - Texas Instruments BQ24095 Datasheet HTML 4Page - Texas Instruments BQ24095 Datasheet HTML 5Page - Texas Instruments BQ24095 Datasheet HTML 6Page - Texas Instruments BQ24095 Datasheet HTML 7Page - Texas Instruments BQ24095 Datasheet HTML 8Page - Texas Instruments BQ24095 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
bq24090, bq24091
bq24092, bq24093
bq24095
SLUS968D – JANUARY 2010 – REVISED DECEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION CONTINUED
The charger power stage and charge current sense functions are fully integrated. The charger function has high
accuracy current and voltage regulation loops, charge status display, and charge termination. The pre-charge
current and termination current threshold are programmed via an external resistor. The fast charge current value
is also programmable via an external resistor.
ORDERING INFORMATION
PART #
VO(REG)
VOVP
JEITA
TS/CE
PG
PACKAGE
MARKING
bq24090
4.20 V
6.6 V
No
10k
Ω NTC
Yes
10 PIN 5x3mm2
bq24090
bq24091
4.20 V
6.6 V
No
100k
Ω NTC
Yes
10 PIN 5x3mm2
bq24091
bq24092
4.20 V
6.6 V
Yes
10k
Ω NTC
Yes
10 PIN 5x3mm2
bq24092
bq24093
4.20 V
6.6 V
Yes
100k
Ω NTC
Yes
10 PIN 5x3mm2
bq24093
bq24095
4.35 V
6.6 V
No
10k
Ω NTC
Yes
10 PIN 5x3mm2
bq24095
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
IN (with respect to VSS)
–0.3 to 12
V
OUT (with respect to VSS)
–0.3 to 7
V
Input Voltage
PRE-TERM, ISET, ISET2, TS, CHG, PG, ASI, ASO (with respect to
–0.3 to 7
V
VSS)
Input Current
IN
1.25
A
Output Current (Continuous)
OUT
1.25
A
Output Sink Current
CHG
15
mA
TJ
Junction temperature
–40 to 150
°C
TSTG
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
PACKAGE DISSIPATION RATINGS
(1) (2)
PACKAGE
RθJA
RθJC
TA ≤ 25°C
DERATING FACTOR
POWER RATING
TA > 25°C
5x3mm MSOP
52°C/W
48°C/W
1.92 W
19.2 mW/°C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a copper pad on the board. This is
connected to the ground plane by a 2×3 via matrix
2
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: bq24090 bq24091 bq24092 bq24093 bq24095


Similar Part No. - BQ24095

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
bq24090 TI-bq24090 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090DGQR TI-BQ24090DGQR Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
More results

Similar Description - BQ24095

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Texas Instruments
BQ24040 TI1-BQ24040_16 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com