Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ500211ARGZT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ500211ARGZT
Description  5-V, WPC1.1 Compliant Wireless Power Transmitter Manager
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ500211ARGZT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ500211ARGZT Datasheet HTML 5Page - Texas Instruments BQ500211ARGZT Datasheet HTML 6Page - Texas Instruments BQ500211ARGZT Datasheet HTML 7Page - Texas Instruments BQ500211ARGZT Datasheet HTML 8Page - Texas Instruments BQ500211ARGZT Datasheet HTML 9Page - Texas Instruments BQ500211ARGZT Datasheet HTML 10Page - Texas Instruments BQ500211ARGZT Datasheet HTML 11Page - Texas Instruments BQ500211ARGZT Datasheet HTML 12Page - Texas Instruments BQ500211ARGZT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
bq500211A
www.ti.com
SLUSBB1 – DECEMBER 2012
Principles of Operation
Fundamentals
The principle of wireless power transfer is simply an open cored transformer consisting of primary and secondary
coils and associated electronics. The primary coil and electronics are also referred to as the transmitter, and the
secondary side the receiver. The transmitter coil and electronics are typically built into a charger pad. The
receiver coil and electronics are typically built into a portable device, such as a cell-phone.
When the receiver coil is positioned on the transmitter coil, magnetic coupling occurs when the transmitter coil is
driven. The flux is coupled into the secondary coil which induces a voltage, current flows, it is rectified and power
can be transferred quite effectively to a load - wirelessly. Power transfer can be managed via any of various
familiar closed-loop control schemes.
Wireless Power Consortium (WPC)
The Wireless Power Consortium (WPC) is an international group of companies from diverse industries. The WPC
standard was developed to facilitate cross compatibility of compliant transmitters and receivers. The standard
defines the physical parameters and the communication protocol to be used in wireless power. For more
information, go to www.wirelesspowerconsortium.com.
Power Transfer
Power transfer depends on coil coupling. Coupling is dependant on the distance between coils, alignment, coil
dimensions, coil materials, number of turns, magnetic shielding, impedance matching, frequency and duty cycle.
Most importantly, the receiver and transmitter coils must be aligned for best coupling and efficient power transfer.
The closer the space between the coils, the better the coupling, but the practical distance is set to be less than 5
mm (as defined within the WPC Specification) to account for housing and interface surfaces.
Shielding is added as a backing to both the transmitter and receiver coils to direct the magnetic field to the
coupled zone. Magnetic fields outside the coupled zone do not transfer power. Thus, shielding also serves to
contain the fields to avoid coupling to other adjacent system components.
Regulation can be achieved by controlling any one of the coil coupling parameters. For WPC compatibility, the
transmitter coils and capacitance are specified and the resonant frequency point is fixed at 100 kHz. Power
transfer is regulated by changing the operating frequency between 112 kHz to 205 kHz. The higher the
frequency, the further from resonance and the lower the power. Duty cycle remains constant at 50% throughout
the power band and is reduced only once 205 kHz is reached.
The WPC standard describes the dimension and materials of the coils. It also has information on tuning the coils
to resonance. The value of the inductor and resonant capacitor are critical to proper operation and system
efficiency.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq500211A


Similar Part No. - BQ500211ARGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500211 TI1-BQ500211 Datasheet
778Kb / 26P
[Old version datasheet]   5-V, Qi Compliant Wireless Power Transmitter Manager
bq500211RGZR TI1-bq500211RGZR Datasheet
778Kb / 26P
[Old version datasheet]   5-V, Qi Compliant Wireless Power Transmitter Manager
bq500211RGZT TI1-bq500211RGZT Datasheet
778Kb / 26P
[Old version datasheet]   5-V, Qi Compliant Wireless Power Transmitter Manager
More results

Similar Description - BQ500211ARGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500211 TI1-BQ500211 Datasheet
778Kb / 26P
[Old version datasheet]   5-V, Qi Compliant Wireless Power Transmitter Manager
BQ500215 TI1-BQ500215 Datasheet
2Mb / 35P
[Old version datasheet]   Compliant Wireless Power Transmitter Manager
BQ500210 TI1-BQ500210 Datasheet
608Kb / 23P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500414Q TI1-BQ500414Q Datasheet
1Mb / 34P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500110 TI-BQ500110_11 Datasheet
642Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210_1108 TI-BQ500210_1108 Datasheet
783Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500410A TI1-BQ500410A Datasheet
1Mb / 30P
[Old version datasheet]   Free Positioning, Qi Compliant Wireless Power Transmitter Manager
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9038 IDT-P9038 Datasheet
378Kb / 18P
   8W, Qi-compliant, Wireless Power Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com