Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294702DSGR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294702DSGR
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ294702DSGR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ294702DSGR Datasheet HTML 7Page - Texas Instruments BQ294702DSGR Datasheet HTML 8Page - Texas Instruments BQ294702DSGR Datasheet HTML 9Page - Texas Instruments BQ294702DSGR Datasheet HTML 10Page - Texas Instruments BQ294702DSGR Datasheet HTML 11Page - Texas Instruments BQ294702DSGR Datasheet HTML 12Page - Texas Instruments BQ294702DSGR Datasheet HTML 13Page - Texas Instruments BQ294702DSGR Datasheet HTML 14Page - Texas Instruments BQ294702DSGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
OUT
VDD
VSS
1
3
2
6
4
5
I
IN4
I
IN3
I
IN2
I
DD
V3
V1
V2
7
8
V4
I
IN1
CD
I
CELL
I
CELL = IDD + IIN1 + I IN2 + IIN3 + I IN4
V(OUT)
V(VCELL)
OV Condition
≤ 170 ms
V(CD)
CD pin held low
bq294700, bq294701, bq294702
bq294703, bq294704, bq294705
www.ti.com
SLUSB15 – SEPTEMBER 2012
CUSTOMER TEST MODE
It is possible to reduce test time for checking the overvoltage function by simply shorting the external CD
capacitor to VSS. In this case, the OV delay would be reduced to the t(CD_GND) value, which has a maximum of
170 ms.
Figure 13 shows the timing for the Customer Test Mode.
Figure 13. Timing for Customer Test Mode
Figure 14 shows the measurement for current consumption of the product for both VDD and Vx.
Figure 14. Configuration for IC Current Consumption Test
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq294700 bq294701 bq294702 bq294703 bq294704 bq294705


Similar Part No. - BQ294702DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294702DSGR TI1-BQ294702DSGR Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294702DSGR TI1-BQ294702DSGR Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294702DSGR TI1-BQ294702DSGR Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294702DSGR TI-BQ294702DSGR Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results

Similar Description - BQ294702DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI-BQ2947 Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com