Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24095DSQT Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ24095DSQT
Description  1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24095DSQT Datasheet(HTML) 1 Page - Texas Instruments

  BQ24095DSQT Datasheet HTML 1Page - Texas Instruments BQ24095DSQT Datasheet HTML 2Page - Texas Instruments BQ24095DSQT Datasheet HTML 3Page - Texas Instruments BQ24095DSQT Datasheet HTML 4Page - Texas Instruments BQ24095DSQT Datasheet HTML 5Page - Texas Instruments BQ24095DSQT Datasheet HTML 6Page - Texas Instruments BQ24095DSQT Datasheet HTML 7Page - Texas Instruments BQ24095DSQT Datasheet HTML 8Page - Texas Instruments BQ24095DSQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1 F
m
1 F
m
1kW
1.5kW
1.5kW
2kW
Disconnect after Detection
+
Battery Pack
VBUS
GND
D+
D-
USB Port
DC+
GND
Adaptor
VDD
D-
D+
GND
TTDM
Host
System Load
OR
ISET/100/500mA
1
2
3
4
5
10
9
8
7
6
IN
ISET
VSS
PRETERM
PG
NC
ISET2
CHG
TS
OUT
bq2409x
+
bq24090, bq24091
bq24092, bq24093
bq24095
www.ti.com
SLUS968D – JANUARY 2010 – REVISED DECEMBER 2012
1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
Check for Samples: bq24090, bq24091, bq24092, bq24093, bq24095
1
FEATURES
APPLICATIONS
CHARGING
Smart Phones
1% Charge Voltage Accuracy
PDAs
10% Charge Current Accuracy
MP3 Players
Pin Selectable USB 100mA and 500mA
Low-Power Handheld Devices
Maximum Input Current Limit
DESCRIPTION
Programmable Termination and Precharge
The bq2409x series of devices are highly integrated
Threshold
Li-ion and Li-Pol linear chargers devices targeted at
PROTECTION
space-limited
portable
applications.
The
devices
6.6V Over-Voltage Protection
operate from either a USB port or AC adapter. The
high input voltage range with input overvoltage
Input Voltage Dynamic Power Management
protection supports low-cost unregulated adapters.
125°C Thermal Regulation; 150°C Thermal
Shutdown Protection
The bq2409x has a single power output that charges
the battery. A system load can be placed in parallel
OUT Short-Circuit Protection and ISET
with the battery as long as the average system load
Short Detection
does not keep the battery from charging fully during
Operation Over JEITA Range via Battery
the 10 hour safety timer.
NTC – ½ Fast-Charge-Current at Cold,
The battery is charged in three phases: conditioning,
4.06V at Hot, bq24092/3
constant current and constant voltage. In all charge
Fixed 10 Hour Safety Timer
phases, an internal control loop monitors the IC
SYSTEM
junction temperature and reduces the charge current
if an internal temperature threshold is exceeded.
Automatic Termination and Timer Disable
Mode (TTDM) for Absent Battery Pack With
Thermistor
Status Indication – Charging/Done
Available in Small 10-Pin MSOP Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24095DSQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
bq24090 TI-bq24090 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090DGQR TI-BQ24090DGQR Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
More results

Similar Description - BQ24095DSQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Texas Instruments
BQ24040 TI1-BQ24040_16 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com