Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294705DSGT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294705DSGT
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ294705DSGT Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ294705DSGT Datasheet HTML 2Page - Texas Instruments BQ294705DSGT Datasheet HTML 3Page - Texas Instruments BQ294705DSGT Datasheet HTML 4Page - Texas Instruments BQ294705DSGT Datasheet HTML 5Page - Texas Instruments BQ294705DSGT Datasheet HTML 6Page - Texas Instruments BQ294705DSGT Datasheet HTML 7Page - Texas Instruments BQ294705DSGT Datasheet HTML 8Page - Texas Instruments BQ294705DSGT Datasheet HTML 9Page - Texas Instruments BQ294705DSGT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
bq294700, bq294701, bq294702
bq294703, bq294704, bq294705
SLUSB15 – SEPTEMBER 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
CONDITION
VALUE/UNIT
Supply voltage range
VDD–VSS
–0.3 to 30 V
Input voltage range
V4–V3, V3–V2, V2–V1, V1–VSS, or CD–VSS
–0.3 to 30 V
Output voltage range
OUT–VSS
–0.3 to 30 V
Continuous total power dissipation, PTOT
See package dissipation rating.
Storage temperature range, TSTG
–65 to 150°C
Lead temperature (soldering, 10 s),
300°C
TSOLDER
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum–rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, VDD
(1)
3
20
V
Input voltage
V4–V3, V3–V2, V2–V1, V1–VSS, or CD–VSS
0
5
V
range
Operating ambient temperature range, TA
–40
110
°C
(1)
See APPLICATION SCHEMATIC.
DC CHARACTERISTICS
Typical values stated where TA = 25°C and VDD = 14.4 V, MIN/MAX values stated where TA = –40°C to 110°C and VDD = 3 V
to 20 V (unless otherwise noted).
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Voltage Protection Thresholds
bq294700, RIN = 1 kΩ
4.350
V
bq294701, RIN = 1 kΩ
4.250
V
bq294702, RIN = 1 kΩ
4.300
V
V(PROTECT) Overvoltage
VOV
Detection
bq294703, RIN = 1 kΩ
4.325
V
bq294704, RIN = 1 kΩ
4.400
V
bq294705, RIN = 1 kΩ
4.450
V
VHYS
OV Detection Hysteresis
bq2947xy(1)
250
300
400
mV
VOA
OV Detection Accuracy
TA = 25°C
–10
10
mV
TA = –40°C
–40
40
mV
TA = 0°C
–20
20
mV
OV Detection Accuracy
VOADRIFT
Across Temperature
TA = 60°C
–24
24
mV
TA = 110°C
–54
54
mV
Supply and Leakage Current
(V4–V3) = (V3–V2) = (V2–V1) = (V1–VSS) = 4.0 V
IDD
Supply Current
1
2
µA
at TA = 25°C (See Figure 14.)
(V4–V3) = (V3–V2) = (V2–V1) = (V1–VSS) = 4.0 V
IIN
Input Current at Vx Pins
–0.1
0.1
µA
at TA = 25°C (See Figure 14.)
Current Consumption at Power down, (V4–V3) =
Input Current (ALL Vx
ICELL
(V3–V2) = (V2–V1) = (V1–VSS) = 2.30 V at TA =
1.1
µA
and VDD Input Pins)
25°C
Output Drive OUT, CMOS Active High Versions Only
(1)
Future option, contact TI.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: bq294700 bq294701 bq294702 bq294703 bq294704 bq294705


Similar Part No. - BQ294705DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294705DSGT TI1-BQ294705DSGT Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294705DSGT TI1-BQ294705DSGT Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294705DSGT TI1-BQ294705DSGT Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294705DSGT TI-BQ294705DSGT Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results

Similar Description - BQ294705DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI-BQ2947 Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com