Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F28M36P63C2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # F28M36P63C2
Description  Concerto Microcontrollers
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2 Datasheet(HTML) 1 Page - Texas Instruments

  F28M36P63C2 Datasheet HTML 1Page - Texas Instruments F28M36P63C2 Datasheet HTML 2Page - Texas Instruments F28M36P63C2 Datasheet HTML 3Page - Texas Instruments F28M36P63C2 Datasheet HTML 4Page - Texas Instruments F28M36P63C2 Datasheet HTML 5Page - Texas Instruments F28M36P63C2 Datasheet HTML 6Page - Texas Instruments F28M36P63C2 Datasheet HTML 7Page - Texas Instruments F28M36P63C2 Datasheet HTML 8Page - Texas Instruments F28M36P63C2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
www.ti.com
SPRS825 – OCTOBER 2012
Concerto Microcontrollers
1
F28M36x (Concerto™) MCUs
1.1
Features
12
• Master Subsystem — ARM® Cortex™-M3
• Control Subsystem — TMS320C28x™ 32-Bit
CPU
– 125 MHz
– 150 MHz
– Cortex™-M3 Core Hardware Logic Built-in
Self Test
– C28x Core Hardware Logic Built-in Self Test
– Embedded Memory
– Embedded Memory
Up to 1MB Flash (ECC)
Up to 512KB Flash (ECC)
Up to 128KB RAM (ECC or Parity)
Up to 36KB RAM (ECC or Parity)
Up to 64KB Shared RAM
Up to 64KB Shared RAM
2KB IPC Message RAM
2KB IPC Message RAM
– 5 Universal Asynchronous
– IEEE-754 Single-Precision Floating-Point
Receiver/Transmitters (UARTs)
Unit (FPU)
– 4 Synchronous Serial Interfaces (SSIs)/
– Viterbi, Complex Math, CRC Unit (VCU)
Serial Peripheral Interface (SPI)
– Serial Communications Interface (SCI)
– 2 Inter-integrated Circuits (I2Cs)
– Serial Peripheral Interface (SPI)
– Universal Serial Bus On-the-Go (USB-OTG) +
– Inter-Integrated Circuit (I2C)
PHY
– 6-Channel Direct Memory Access (DMA)
– 10/100 ENET 1588 MII
– 12 Enhanced Pulse Width Modulator (ePWM)
– 2 Controller Area Networks (CANs)
Modules
– 32-Channel Direct Memory Access (µDMA)
24 Outputs (16 High-Resolution)
– Dual Security Zones (128-Bit Password per
– 6 32-Bit Enhanced Capture (eCAP) Modules
Zone)
– 3 32-Bit Enhanced Quadrature Encoder
– External Peripheral Interface (EPI)
(eQEP) Modules
– Micro Cyclic Redundancy Check (µCRC)
– Multichannel Buffered Serial Port (McBSP)
Module
– External Peripheral Interface (EPI)
– 4 General-Purpose Timers
– One Security Zone (128-Bit Password)
– 2 Watchdog Timer Modules
– 3 32-Bit Timers
– Endianness: Little Endian
– Endianness: Little Endian
• Clocking
– On-chip Crystal Oscillator/External Clock
• Analog Subsystem
Input
– Dual 12-Bit Analog-to-Digital Converters
– Dynamic PLL Ratio Changes Supported
(ADCs)
• 1.2-V Digital, 1.8-V Analog, 3.3-V I/O Design
– Up to 2.88 MSPS
– Up to 24 Channels
• Interprocessor Communications (IPC)
– 4 Sample-and-Hold (S/H) Circuits
– 32 Handshaking Channels
– Up to 6 Comparators With 10-Bit Digital-to-
– 4 Channels Generate IPC Interrupts
Analog Converter (DAC)
– Can be Used to Coordinate Transfer of Data
Through IPC Message RAMs
• Package
– 289-Ball ZWT Plastic Ball Grid Array (PBGA)
• Up to 142 Individually Programmable,
Multiplexed GPIO Pins
– Glitch-free I/Os
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the formative or design phase of
Copyright © 2012, Texas Instruments Incorporated
development. Characteristic data and other specifications are design goals. Texas
Instruments reserves the right to change or discontinue these products without notice.


Similar Part No. - F28M36P63C2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C2ZWTQ TI1-F28M36P63C2ZWTQ Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C2ZWTS TI1-F28M36P63C2ZWTS Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C2ZWTT TI1-F28M36P63C2ZWTT Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
More results

Similar Description - F28M36P63C2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com